Electronic Components Datasheet Search
  English  ▼

X  

ADG612 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG612
Description  1 pC Charge Injection, 100 pA Leakage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG612 Datasheet(HTML) 4 Page - Analog Devices

  ADG612 Datasheet HTML 1Page - Analog Devices ADG612 Datasheet HTML 2Page - Analog Devices ADG612 Datasheet HTML 3Page - Analog Devices ADG612 Datasheet HTML 4Page - Analog Devices ADG612 Datasheet HTML 5Page - Analog Devices ADG612 Datasheet HTML 6Page - Analog Devices ADG612 Datasheet HTML 7Page - Analog Devices ADG612 Datasheet HTML 8Page - Analog Devices ADG612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG611/ADG612/ADG613
Rev. A | Page 4 of 16
SINGLE-SUPPLY OPERATION
VDD = 5 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance, RON
210
Ω typ
VS = 3.5 V, IS = −1 mA; see Figure 14
290
350
380
Ω max
VS = 3.5 V, IS = −1 mA; see Figure 14
On-Resistance Match
Between Channels, ΔRON
3
Ω typ
VS = 3.5 V, IS = −1 mA
10
12
13
Ω max
VS = 3.5 V, IS = −1 mA
LEAKAGE CURRENTS
VDD = 5.5 V
Source Off Leakage, IS(OFF)
±0.01
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V; see Figure 15
±0.1
±0.25
±2
nA max
VS = 1 V/4.5 V, VD = 4.5 V/1 V; see Figure 15
Drain Off Leakage, ID(OFF)
±0.01
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V; see Figure 15
±0.1
±0.25
±2
nA max
VS = 1 V/4.5 V, VD = 4.5 V/1 V; see Figure 15
Channel On Leakage, ID(ON), IS(ON)
±0.01
nA typ
VS = VD = 1 V or 4.5 V; see Figure 16
±0.1
±0.25
±6
nA max
VS = VD = 1 V or 4.5 V; see Figure 16
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
VIN = VINL or VINH
Digital Input Capacitance, CIN
2
pF typ
DYNAMIC CHARACTERISTICS2
tON
70
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3.0 V; see Figure 17
100
130
150
ns max
RL = 300 Ω, CL = 35 pF, VS = 3.0 V; see Figure 17
tOFF
25
ns typ
RL = 300 Ω, CL = 35 pF, VS = 3.0 V; see Figure 17
40
45
50
ns max
RL = 300 Ω, CL = 35 pF, VS = 3.0 V; see Figure 17
Break-Before-Make Time Delay, tBBM
25
ns typ
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 3.0 V; see Figure 18
10
ns min
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 3.0 V; see Figure 18
Charge Injection
1
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 19
Off Isolation
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz; see Figure 20
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz; see Figure 21
−3 dB Bandwidth
680
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 22
CS(OFF)
5
pF typ
f = 1 MHz
CD(OFF)
5
pF typ
f = 1 MHz
CD(ON), CS(ON)
5
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or 5.5 V
1.0
μA max
Digital inputs = 0 V or 5.5 V
1 The temperature range for the Y version is −40°C to +125°C.
2 Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com