Electronic Components Datasheet Search
  English  ▼

X  

ADG612 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG612
Description  1 pC Charge Injection, 100 pA Leakage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG612 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG612 Datasheet HTML 5Page - Analog Devices ADG612 Datasheet HTML 6Page - Analog Devices ADG612 Datasheet HTML 7Page - Analog Devices ADG612 Datasheet HTML 8Page - Analog Devices ADG612 Datasheet HTML 9Page - Analog Devices ADG612 Datasheet HTML 10Page - Analog Devices ADG612 Datasheet HTML 11Page - Analog Devices ADG612 Datasheet HTML 12Page - Analog Devices ADG612 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG611/ADG612/ADG613
Rev. A | Page 9 of 16
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–5
–4
–3
–2
–1
0
12345
VS (V)
TA = 25°C
VDD = +3V
VSS = 0V
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
Figure 9. Charge Injection vs. Source Voltage
120
100
80
60
40
20
0
–40
0
–20
20
40
60
80
100
120
TEMPERATURE (°C)
tON, VDD = +5V
VSS = 0V
tON, VDD = +5V
VSS = –5V
tOFF, VDD = +5V
VSS = 0V
tOFF, VDD = +5V
VSS = –5V
Figure 10. tON/tOFF Times vs. Temperature
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
0.3
1k
100
10
1
FREQUENCY (MHz)
TA = 25°C
VDD = –5V
VSS = +5V
VDD = +5V
VSS = 0V
Figure 11. On Response vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0.3
1k
100
10
1
FREQUENCY (MHz)
VDD = –5V
VSS = +5V
TA = 25°C
Figure 12. Off Isolation vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–100
–90
0.3
1k
100
10
1
FREQUENCY (MHz)
VDD = +5V
VSS = –5V
TA = 25°C
Figure 13. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com