Electronic Components Datasheet Search
  English  ▼

X  

ADG612 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG612
Description  1 pC Charge Injection, 100 pA Leakage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG612 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG612 Datasheet HTML 8Page - Analog Devices ADG612 Datasheet HTML 9Page - Analog Devices ADG612 Datasheet HTML 10Page - Analog Devices ADG612 Datasheet HTML 11Page - Analog Devices ADG612 Datasheet HTML 12Page - Analog Devices ADG612 Datasheet HTML 13Page - Analog Devices ADG612 Datasheet HTML 14Page - Analog Devices ADG612 Datasheet HTML 15Page - Analog Devices ADG612 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG611/ADG612/ADG613
Rev. A | Page 13 of 16
APPLICATIONS INFORMATION
Figure 23 illustrates a photodetector circuit with programmable
gain. With the resistor values shown in this figure, gains in the
range of 2 to 16 can be achieved by using different combinations
of switches.
R1
33kΩ
R2
510kΩ
R4
240kΩ
R5
240kΩ
R6
120kΩ
R7
120kΩ
R8
120kΩ
R3
510kΩ
R9
120kΩ
R9
120kΩ
S1
D1
S2
D2
S3
D3
S4
D4
GND
C1
2.5V
D1
5V
VOUT
5V
2.5V
GAIN RANGE: 2 TO 16
(LSB) IN1
IN2
IN3
(MSB) IN4
Figure 23. Photodetector Circuit with Programmable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com