Electronic Components Datasheet Search
  English  ▼

X  

ADG612 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG612
Description  1 pC Charge Injection, 100 pA Leakage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG612 Datasheet(HTML) 1 Page - Analog Devices

  ADG612 Datasheet HTML 1Page - Analog Devices ADG612 Datasheet HTML 2Page - Analog Devices ADG612 Datasheet HTML 3Page - Analog Devices ADG612 Datasheet HTML 4Page - Analog Devices ADG612 Datasheet HTML 5Page - Analog Devices ADG612 Datasheet HTML 6Page - Analog Devices ADG612 Datasheet HTML 7Page - Analog Devices ADG612 Datasheet HTML 8Page - Analog Devices ADG612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 pC Charge Injection, 100 pA Leakage,
CMOS, ±5 V/+5 V/+3 V, Quad SPST Switches
ADG611/ADG612/ADG613
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2009 Analog Devices, Inc. All rights reserved.
FEATURES
1 pC charge injection
±2.7 V to ±5.5 V dual-supply operation
+2.7 V to +5.5 V single-supply operation
Automotive temperature range: −40°C to +125°C
100 pA maximum at 25°C leakage currents
85 Ω on resistance
Rail-to-rail switching operation
Fast switching times
16-lead TSSOP and SOIC packages
Typical power consumption: <0.1 μW
TTL-/CMOS-compatible inputs
APPLICATIONS
Automatic test equipment
Data acquisition systems
Battery-powered systems
Communications systems
Sample-and-hold systems
Audio signal routing
Relay replacement
Avionics
FUNCTIONAL BLOCK DIAGRAM
NOTES
1. SWITCHES SHOWN FOR A LOGIC 1 INPUT.
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG611
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG612
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG613
Figure 1.
GENERAL DESCRIPTION
The ADG611/ADG612/ADG613 are monolithic CMOS devices
containing four independently selectable switches. These switches
offer ultralow charge injection of 1 pC over the full input signal
range and typical leakage currents of 10 pA at 25°C.
The devices are fully specified for ±5 V, +5 V, and +3 V supplies.
Each contains four independent single-pole, single-throw (SPST)
switches. The ADG611 and ADG612 differ only in that the digital
control logic is inverted. The ADG611 switches are turned on
with a logic low on the appropriate control input, whereas a
logic high is required to turn on the switches of the ADG612.
The ADG613 contains two switches with digital control logic
similar to that of the ADG611 and two switches in which the
logic is inverted.
Each switch conducts equally well in both directions when on
and has an input signal range that extends to the supplies. The
ADG613 exhibits break-before-make switching action. The
ADG611/ADG612/ADG613 are available in a small, 16-lead
TSSOP package, and the ADG611 is also available in a 16-lead
SOIC package.
PRODUCT HIGHLIGHTS
1.
Ultralow charge injection (1 pC typically).
2.
Dual ±2.7 V to ±5.5 V or single +2.7 V to +5.5 V operation.
3.
Automotive temperature range: −40°C to +125°C.
4.
Small, 16-lead TSSOP and SOIC packages.


Similar Part No. - ADG612

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG612 AD-ADG612 Datasheet
152Kb / 12P
1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV.0
ADG612WRUZ-REEL1 AD-ADG612WRUZ-REEL1 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG612YRU AD-ADG612YRU Datasheet
152Kb / 12P
1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/5 V/3 V Quad SPST Switches
REV.0
ADG612YRUZ-REEL1 AD-ADG612YRUZ-REEL1 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
ADG612YRUZ-REEL71 AD-ADG612YRUZ-REEL71 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage, CMOS, 짹5 V/5 V/3 V, Quad SPST Switches
REV. A
More results

Similar Description - ADG612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
04-Feb-08
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
logo
Analog Devices
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. B
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
DG604 VISHAY-DG604_V01 Datasheet
242Kb / 13P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
20-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com