Electronic Components Datasheet Search
  English  ▼

X  

HIP7010B Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP7010B
Description  J1850 Byte Level Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7010B Datasheet(HTML) 4 Page - Intersil Corporation

  HIP7010B Datasheet HTML 1Page - Intersil Corporation HIP7010B Datasheet HTML 2Page - Intersil Corporation HIP7010B Datasheet HTML 3Page - Intersil Corporation HIP7010B Datasheet HTML 4Page - Intersil Corporation HIP7010B Datasheet HTML 5Page - Intersil Corporation HIP7010B Datasheet HTML 6Page - Intersil Corporation HIP7010B Datasheet HTML 7Page - Intersil Corporation HIP7010B Datasheet HTML 8Page - Intersil Corporation HIP7010B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Serial Interface Timing
(See Figure 1- Figure 7) TA = -40
oC to +125oC, V
DD = 5VDC ±10%, Unless Otherwise Specified
NUMBER
SYMBOL
PARAMETERS
MIN
TYP
MAX
UNITS
-
-
Operating Frequency
2
8
12
MHz
-
-
Input CLK Duty Cycle
40
50
60
%
(1)
tCYC
SCK Cycle Time
-
1.0
-
MHz
(2)
tLEAD
SACTIVE Lead Time
Before Status/Control Transfer
450
750
850
ns
Before Data Transfer
1150
1225
1300
ns
(3)
tLAG
SACTIVE Lag Time
After Status/Control Transfer
650
750
850
ns
After Data Transfer
1250
1300
1400
ns
(4)
tSCKH
Clock (SCK) HIGH Time
450
500
550
ns
(5)
tSCKL
Clock (SCK) LOW Time
450
500
550
ns
(6)
tDVSCK
Required Data In Setup Time (SIN to SCK)
-
10
50
ns
(7)
tSCKDX
Required Data In Hold Time (SIN after SCK)
-
-10
40
ns
(8)
tDZDA
Data Active from High Impedance Delay (SACTIVE to SOUT Active)
-10
10
-
ns
(9)
tDADZ
Data Active to High Impedance Delay (SACTIVE to SOUT High
Impedance)
-10
40
ns
(10)
tDVSCK
Data Out Setup Time (SOUT to SCK)
375
475
-
ns
(11)
tDXSCK
Data Out Hold Time (SOUT after SCK)
375
475
-
ns
(12)
tRISE
Output Rise Time (0.3VDD to 0.7VDD, CL = 100pF)
15
75
150
ns
(13)
tFALL
Output Fall Time (0.7VDD to 0.3VDD, CL = 100pF)
725
75
ns
(14)
tSTATH
Required STAT Pulse Width
-
20
75
ns
(15)
tRDYH
Required RDY Pulse Width
-
20
75
ns
tRESETL
Required RESET Pulse Width
-
20
75
ns
(16)
tSACTIVE
SACTIVE Delay from RDY (IDLE = VSS)
1150
1750
2450
ns
SACTIVE Delay from STAT (FTU = 0)
5
285
900
ns
(17)
tRDYSCK
Required RDY Removal Time Prior to Last SCK for Short RDY
-
25
100
ns
(18)
tSCKRDY
Required RDY Hold Time after Last SCK for Long RDY
-
0
100
ns
(19)
tREC
Required SERIAL Recovery Time (Minimum Time after SACTIVE
Until Next RDY/STAT)
-
675
750
ns
fSLOW
Slow clock detect frequency limit
20
80
200
KHz
NOTE:
1. All parameters are specifications of the HIP7010 component not of a system. Parameters specified as “Required” (i.e., tSTATH) refer to
the requirements of the HIP7010. If a “Required” pulse width is specified as 75ns maximum, that implies that 75ns is the maximum width
that any HIP7010 device will require. Therefore, a system that provides a minimum pulse width of 75ns will satisfy this maximum
requirement.
HIP7010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com