Electronic Components Datasheet Search
  English  ▼

X  

HIP7010B Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP7010B
Description  J1850 Byte Level Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7010B Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP7010B Datasheet HTML 8Page - Intersil Corporation HIP7010B Datasheet HTML 9Page - Intersil Corporation HIP7010B Datasheet HTML 10Page - Intersil Corporation HIP7010B Datasheet HTML 11Page - Intersil Corporation HIP7010B Datasheet HTML 12Page - Intersil Corporation HIP7010B Datasheet HTML 13Page - Intersil Corporation HIP7010B Datasheet HTML 14Page - Intersil Corporation HIP7010B Datasheet HTML 15Page - Intersil Corporation HIP7010B Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
B5, 0
Bit 5 of the Status byte is not used and will always
read as a 0.
B4, FTU
When First Time Up (FTU) is high, it indicates
that a reset has occurred since the last Sta-
tus/Control Register transfer. FTU is high during
the first Status/Control Register transfer after a
reset and low thereafter.
FTU can be used to recognize that a Slow Clock
Detect reset has occurred or to ensure that a Sta-
tus/Control Register transfer has been success-
fully completed since the last reset.
B3, 4X
The 4X status flag indicates that the 4X mode bit
has been set in the Control Register. This bit
reflects the contents of the Control Register not
the current mode of the HIP7010’s SENDEC. The
SENDEC only changes modes synchronously
with an edge detected on the VPWIN pin. See
description of the 4X control bit for details. 4X is
cleared by reset and the trailing edge of a break.
B2, CRC The CRC Error flag (CRC) is set when a CRC
error has been detected in the current frame.
CRC is cleared by reset and at the conclusion of
the Status/Control Register transfer.
B1, ERR The Error flag (ERR) is set when an illegal symbol
or other, non-CRC error has been detected on the
VPWIN pin. Following are some of the many errors
which will cause ERR to be set: 1. An illegal sym-
bol, (i.e., a symbol other than a TV1, TV2, or Break
in the middle of a data byte); 2. Receipt of a trun-
cated byte (i.e., less than 8 symbols); 3. The Host
attempting to initiate a message more than 96
µs
after the IDLE line goes high; 4. An improperly
framed message (i.e., SOF not equal to TV3,
wrong EOD, EOF, or NB widths); 5. Failure by the
Host to use the long form of RDY to indicate the
last byte of a message; 6. An attempt by the Host
to transmit a single byte (Type 1 or Type 2) IFR by
setting ACK but without using the long form of RDY
for the byte transfer; 7. Setting the Host asserting
STAT during a data byte transfer; 8. A transition
has occurred on the VPWOUT pin and the
reflected transition has not been detected on
VPWIN (echo fail).
ERR is cleared by a reset and at the conclusion
of the Status/Control Register transfer.
B0, BRK
The break flag (BRK) is set on the first rising edge
of VPWIN after a BRK symbol has been detected
on the J1850 bus. If the Host was transmitting or
has a message to transmit, it should re-arbitrate
for the bus following an IFS (IDLE goes low).
BRK automatically clears the 4X mode of the SEN-
DEC and resets the 4X bit in the Status byte.
BRK is cleared by a reset or at the conclusion of
the Status/Control Register transfer.
Control Register
The Control Register contains eight, write-only, control bits.
The PD, NXT, MACK, and ACK bits can only be set high;
they are cleared by hardware under specific conditions. The
other four bits can be both set and reset by the Host. All bits
in the Control Register are cleared by reset.
B7, ACK
Setting the Acknowledgment (ACK) bit signals the
HIP7010
that,
following
the
EOD,
an
IFR
response is to be sent. Once set, the ACK bit can-
not be cleared by the Host. ACK is cleared upon
successful transmission of the IFR or at the next
Idle.
The ACK bit can be set anytime prior to 135
µs
after the final byte (the CRC) of a message. The
first IFR byte must be loaded into the Host’s serial
output register, and the RDY line set after the
HIP7010 transfers the next-to-last byte to the
Host, and before the HIP7010 transfers the last
byte (CRC) of the J1850 message to the Host.
When the CRC byte is sent to the Host from the
HIP7010, the IFR byte will be simultaneously
loaded into the HIP7010.
To send a single byte (Type 1 or Type 2) IFR the
Host must leave MACK (B6 of the Control Regis-
ter) low and use the long RDY line format.
When sending a single byte (Type 1 or Type 2)
IFR, the possibility of losing arbitration exists. In
the case of a Type 1 IFR no further action should
be taken. The standard protocol for handling loss
of arbitration during a Type 2 IFR is to re-attempt
the transmission until successful. To ensure
proper transmission of the IFR the Host must
repeatedly load it’s serial output register with the
desired IFR byte, and set RDY (using the short
format), until the IFR has been properly received
back. There is no danger of inadvertently sending
the IFR byte twice. The HIP7010 monitors the
arbitration results and will transmit the IFR byte
only once. The ACK bit is automatically cleared
upon the first successful transmission, thus pre-
venting a second transmission. The Host controls
when the ACK bit is set. During normal operation
the Host must only set ACK once per IFR.
To send a Type 3 IFR the Host must set MACK
high and use the short format of the RDY for all
bytes except the last, when the long format is
used. A CRC will automatically be appended to
the last byte of a Type 3 IFR. A Type 3 IFR, con-
sisting of a single byte plus CRC, can be created
by setting MACK high and using the long RDY line
format for loading the single data byte.
When sending a Type 3 IFR, the possibility of los-
ing arbitration during the IFR also exists. In the
case of Type 3 IFRs, once arbitration has been
765
4
3
2
1
0
ACK
MACK
NXT
PD
4X
DS2
DS1
DS0
HIP7010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com