Electronic Components Datasheet Search
  English  ▼

X  

HIP7010B Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP7010B
Description  J1850 Byte Level Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7010B Datasheet(HTML) 5 Page - Intersil Corporation

  HIP7010B Datasheet HTML 1Page - Intersil Corporation HIP7010B Datasheet HTML 2Page - Intersil Corporation HIP7010B Datasheet HTML 3Page - Intersil Corporation HIP7010B Datasheet HTML 4Page - Intersil Corporation HIP7010B Datasheet HTML 5Page - Intersil Corporation HIP7010B Datasheet HTML 6Page - Intersil Corporation HIP7010B Datasheet HTML 7Page - Intersil Corporation HIP7010B Datasheet HTML 8Page - Intersil Corporation HIP7010B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Functional Pin Description
This section provides a description of each of the 14 pins of
the HIP7010 as shown in Figure 2.
VDD and VSS (Power)
Power is supplied to the HIP7010 using these two pins. VDD
is connected to the positive supply and VSS is connected to
the negative supply.
CLK (Clock - Input)
The Clock input (CLK) provides the basic time base refer-
ence for all J1850 symbol detection and generation. Serial
Bus transfers between the HIP7010 and the Host microcon-
troller are also timed based on the Clock input. Proper VPW
symbol detection and generation requires a 2MHz clock
which is internally derived from the CLK input. Various CLK
input frequencies can be accommodated via the Divide
Select bits in the Status/Control Register (see Status/Con-
trol Register for details).
An internal Slow Clock Detect circuit monitors the CLK input
signal and generates a HIP7010 reset if the clock is inactive
for more than 1/fSLOW. This is a safety mechanism to prevent
blocking the J1850 and Serial busses in the event of a clock
failure. The Slow Clock Detect reset can also be intentionally
invoked by externally inhibiting CLK input transitions.
Power can be reduced under Host control via the PowerDown
bit in the Status/Control Register (see Status/Control Regis-
ter for details). Setting the Power-Down bit effectively stops
internal clocking of the HIP7010.
(OUTPUT)
SCK
(OUTPUT)
SIN
(INPUT)
SOUT
(OUTPUT)
D7I
D6I
D0I
D7O
D6O
D0O
(6)
(11)
(8)
(5)
(12)
(13)
(1)
(4)
(7)
SACTIVE
(INPUT)
RDY (LONG)
(INPUT)
RDY (SHORT)
STAT
(INPUT)
(2)
(10)
(9)
(3)
(14)
(15)
(16)
(17)
(18)
(19)
FIGURE 1. SERIAL INTERFACE TIMING DIAGRAM
NOTES:
1. Measurement points are from VDD/2, except 12 and 13 which are measured between VIL and VIH.
2. All timings assume proper CLK frequency and Divide Select values to generate 1MHz SCK.
IDLE
VPWIN
VPWOUT
VDD
RESET
TEST
SACTIVE
RDY
STAT
CLK
VSS
SIN
SOUT
SCK
1
2
3
4
5
6
7
14
13
12
11
10
9
8
FIGURE 2. 14 PIN DIP AND SO TERMINAL ASSIGNMENTS
HIP7010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com