Electronic Components Datasheet Search
  English  ▼

X  

HIP7010B Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP7010B
Description  J1850 Byte Level Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP7010B Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP7010B Datasheet HTML 5Page - Intersil Corporation HIP7010B Datasheet HTML 6Page - Intersil Corporation HIP7010B Datasheet HTML 7Page - Intersil Corporation HIP7010B Datasheet HTML 8Page - Intersil Corporation HIP7010B Datasheet HTML 9Page - Intersil Corporation HIP7010B Datasheet HTML 10Page - Intersil Corporation HIP7010B Datasheet HTML 11Page - Intersil Corporation HIP7010B Datasheet HTML 12Page - Intersil Corporation HIP7010B Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Bus Arbitration
The nature of multiplexed communications leads to contention
issues when two or more nodes attempt to transmit on the bus
simultaneously. Within J1850 VPW systems, messages are
assigned varying levels of priority which allows implementa-
tion of an arbitration scheme to resolve potential contentions.
The specified arbitration is performed on a symbol by symbol
basis throughout the duration of every message.
Arbitration begins with the rising edge of the SOF pulse. No
node should attempt to issue an SOF until an Idle bus has
been detected (i.e., an
Inter-Frame Separation (IFS) symbol
with a period of TV6 has been received). If multiple nodes are
ready to access the bus and are all waiting for an IFS to
elapse, invariable skews in timing components will cause one
arbitrary node to detect the Idle condition before all others and
start transmission first. For this reason, all nodes waiting for
an IFS will consider an IFS to have occurred if either:
1. An IFS nominal period has elapsed
or
2. An EOF minimum period has elapsed
and a rising edge
has been detected
Arbitrating devices will all be synchronized during the SOF.
Beginning with the first data bit and continuing to the EOF,
every transmitting device is responsible for verifying that the
symbol it sent was the symbol which appeared on the bus.
Each transition, every transmitting node must decode the
symbol, verify the received symbol matches the one sent, and
begin timing of the next symbol. Since timing of the next sym-
bol begins with the last transition detected on the bus, all
transmitters are re-synchronized each symbol. When the
received symbol doesn’t match the symbol sent, a conflict (
bit
collision) occurs. Any device detecting a collision will assume
it has lost arbitration and immediately relinquish the bus. Typi-
cally, after losing arbitration, a device will attempt retransmis-
sion of the message when the bus once again becomes idle.
The definition of 1 and 0 data bits (see Table 2 and discussion
under VPW Symbol Definitions) leads to 0’s having priority
over 1’s in this arbitration scheme. Header bytes are generally
assigned such that arbitration is completed before the first
data byte is transmitted. Because of the dominance of 0 bits
and the MSB first bit order, a header with the hexadecimal
value $00 will have highest priority, then $01, $02, $03, etc.
An example of two nodes arbitrating for control of the bus is
shown in Figure 6.
Arbitration also takes place during the IFR portion of a mes-
sage, if more than one node is attempting to generate a
response. Arbitration begins with the NB symbol, which fol-
lows the EOD and precedes the first IFR byte.
For Type 1 and Type 3 messages only, the respondent which
successfully arbitrates for control of the bus produces an IFR.
All other respondents abort their IFRs.
For Type 2 messages, all respondents which lose arbitration
must re-attempt transmission at the end of each byte. Each
node, which successfully responds, eliminates itself from the
subsequent arbitration until all nodes have responded. This
arbitration scheme limits each respondent to a single byte dur-
ing a Type 2 IFR.
Break
To force a message to be aborted before EOF is reached, a
break (BRK) symbol can be transmitted by any node. The
BRK symbol is an active pulse of duration TV5. Reception of a
break causes all nodes to reset to a
ready-to-receive state
and to re-arbitrate for control following an IFS.
HIP7010 Architectural Overview
The HIP7010 consists of three major functional blocks: the
Serial Interface System (SERIAL) block; the State Machine
(STATE) block; and the Symbol Encoder/Decoder (SENDEC)
block. Transfers between the Host and the HIP7010 are con-
trolled by the SERIAL block, while transfers between the
J1850 bus and the HIP7010 are handled by the SENDEC
FIGURE 5. J1850 MESSAGE WITH IN-FRAME-RESPONSE
FIGURE 6. TWO NODES ARBITRATING FOR CONTROL OF J1850 BUS
SOF
HEADER
. . . . DATA N
CRC
IN FRAME RESPONSE
EOD
NB
EOD
EOF
SOF
000
000
0
1
1
00
HEADER
COLLISION DETECTED BY B
J1850
TRANSMITTER
B
TRANSMITTER
A
DATA 1 . . . DATA N
CRC
EOF
IFS
BUS
HIP7010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com