Electronic Components Datasheet Search
  English  ▼

X  

UPC2745 Datasheet(PDF) 3 Page - NEC

Part # UPC2745
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745 Datasheet(HTML) 3 Page - NEC

  UPC2745 Datasheet HTML 1Page - NEC UPC2745 Datasheet HTML 2Page - NEC UPC2745 Datasheet HTML 3Page - NEC UPC2745 Datasheet HTML 4Page - NEC UPC2745 Datasheet HTML 5Page - NEC UPC2745 Datasheet HTML 6Page - NEC UPC2745 Datasheet HTML 7Page - NEC UPC2745 Datasheet HTML 8Page - NEC UPC2745 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
mmPC2745TB, mmPC2746TB
PIN EXPLANATION
Pin
NO.
Pin Name
Applied
voltage
V
Pin
voltage
V
Note
Function and applications
Internal equivalent circuit
1
INPUT
¾
0.87
0.82
Signal input pin. A internal matching circuit,
configured with resistors, enables 50
W
connection over a wide band. this pin must be
coupled to signal source with capacitor for DC
cut.
4
OUTPUT
¾
1.95
2.54
Signal output pin. A internal matching circuit,
configured with resistors, enables 50
W
connection over a wide band. This pin must
be coupled to next stage with capacitor for DC
cut.
6VCC
2.7 to 3.3
¾
Power supply pin. This pin should be
externally equipped with bypass capacity to
minimize ground impedance.
2
3
5
GND
0
¾
Ground pin. This pin should be connected to
system ground with minimum inductance.
Ground pattern on the board should be formed
as wide as possible. All the ground pins must
be connected together with wide ground
pattern to decrease impedance difference.
Note Pin voltage is measured at VCC = 3.0 V. Above:
mPC2745TB, Below: mPC2746TB
1
6
4
3
5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com