Electronic Components Datasheet Search
  English  ▼

X  

UPC2745 Datasheet(PDF) 11 Page - NEC

Part # UPC2745
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745 Datasheet(HTML) 11 Page - NEC

Back Button UPC2745 Datasheet HTML 7Page - NEC UPC2745 Datasheet HTML 8Page - NEC UPC2745 Datasheet HTML 9Page - NEC UPC2745 Datasheet HTML 10Page - NEC UPC2745 Datasheet HTML 11Page - NEC UPC2745 Datasheet HTML 12Page - NEC UPC2745 Datasheet HTML 13Page - NEC UPC2745 Datasheet HTML 14Page - NEC UPC2745 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
mmPC2745TB, mmPC2746TB
Typical S Parameter Values (TA = +25
°°C)
mPC2745TB
VCC = 3.0 V, ICC = 8.4 mA
FREQUENCY
S11
S21
S12
S22
K
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.0000
.318
-3.9
4.055
-17.2
.003
62.9
.593
-6.6
20.94
200.0000
.325
-5.9
4.030
-35.5
.006
54.2
.584
-12.1
11.68
300.0000
.346
-7.2
3.985
-52.5
.009
42.0
.579
-16.5
8.29
400.0000
.341
-8.9
3.916
-70.7
.012
29.4
.562
-20.6
6.26
500.0000
.339
-10.8
3.842
-87.3
.013
11.8
.546
-23.0
6.29
600.0000
.326
-13.9
3.775
-104.7
.015
1.6
.527
-26.2
5.50
700.0000
.311
-20.8
3.668
-121.5
.017
-11.9
.515
-29.9
5.46
800.0000
.312
-25.8
3.594
-138.1
.018
-24.2
.511
-32.4
5.36
900.0000
.325
-31.9
3.525
-154.2
.020
-38.4
.512
-34.8
4.91
1000.0000
.356
-32.8
3.497
-170.3
.019
-45.9
.523
-35.8
4.93
1100.0000
.382
-32.7
3.503
173.7
.020
-54.3
.525
-36.3
4.56
1200.0000
.416
-31.2
3.542
156.7
.022
-70.5
.530
-36.8
4.14
1300.0000
.416
-30.9
3.569
139.1
.023
-78.4
.518
-37.5
3.92
1400.0000
.415
-30.8
3.520
121.4
.025
-88.4
.509
-38.8
3.53
1500.0000
.393
-30.3
3.501
103.7
.025
-102.9
.492
-40.5
3.68
1600.0000
.386
-31.3
3.429
86.8
.025
-114.1
.481
-42.5
3.78
1700.0000
.373
-30.5
3.355
69.7
.026
-125.7
.474
-43.8
3.68
1800.0000
.369
-31.6
3.303
52.7
.028
-130.3
.468
-44.8
3.50
1900.0000
.366
-29.6
3.229
35.8
.028
-142.5
.457
-44.8
3.63
2000.0000
.353
-30.0
3.179
18.8
.030
-152.4
.440
-45.0
3.62
2100.0000
.344
-28.6
3.081
1.5
.031
-164.9
.416
-45.0
3.85
2200.0000
.313
-29.5
2.999
-15.4
.031
-177.1
.389
-45.4
4.23
2300.0000
.293
-31.6
2.911
-32.5
.033
171.1
.365
-46.4
4.23
2400.0000
.267
-35.1
2.802
-49.4
.034
160.8
.346
-47.4
4.40
2500.0000
.262
-39.9
2.695
-66.0
.036
148.3
.331
-48.2
4.45
2600.0000
.253
-40.3
2.598
-82.3
.036
134.8
.321
-48.3
4.54
2700.0000
.253
-40.9
2.496
-98.6
.034
121.4
.311
-47.6
5.08
2800.0000
.248
-35.5
2.400
-114.6
.036
106.5
.299
-46.7
5.01
2900.0000
.237
-30.2
2.306
-130.2
.032
92.8
.279
-46.3
5.88
3000.0000
.230
-20.6
2.209
-146.4
.031
83.6
.254
-46.2
6.49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com