Electronic Components Datasheet Search
  English  ▼

X  

UPC2745 Datasheet(PDF) 9 Page - NEC

Part # UPC2745
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745 Datasheet(HTML) 9 Page - NEC

Back Button UPC2745 Datasheet HTML 5Page - NEC UPC2745 Datasheet HTML 6Page - NEC UPC2745 Datasheet HTML 7Page - NEC UPC2745 Datasheet HTML 8Page - NEC UPC2745 Datasheet HTML 9Page - NEC UPC2745 Datasheet HTML 10Page - NEC UPC2745 Datasheet HTML 11Page - NEC UPC2745 Datasheet HTML 12Page - NEC UPC2745 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
mmPC2745TB, mmPC2746TB
¾ mPC2745TB ¾
–50
10
0
–10
–20
–30
–40
10
0
–10
–20
–30
–40
0
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
VCC = 3.0 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 1.8 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 1.8 V
VCC = 1.8 V
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
0.3
1.0
3.0
0.1
Frequency f (GHz)
Output Power of Each Tone PO(each) (dBm)
5
0
–5
–10
–15
60
50
40
30
20
10
3RD ORDER INTERMODULATION DISTORTION
vs. OUTPUT POWER OF EACH TONE
SATURATED OUTPUT POWER vs. FREQUENCY
–5
–30
–40
–30
–20
–10
–50
0
–40
–30
–20
–10
f = 500 MHz
–50
10
0
–10
–20
–30
–40
10
0
–10
–20
–30
–40
0
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
–40
–30
–20
–10
–50
0
–40
–30
–20
–10
f = 1.0 GHz
f = 2.0 GHz
f = 500 MHz
VCC = 3.0 V
TA = +85 ˚C
TA = –40 ˚C
TA = +25 ˚C
TA = +85 ˚C
TA = –40 ˚C
TA = +25 ˚C
–25
–20
–15
–10
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 1.8 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 1.8 V
Pin = –6 dBm
f1 = 500 MHz
f2 = 502 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com