Electronic Components Datasheet Search
  English  ▼

X  

UPC2745 Datasheet(PDF) 5 Page - NEC

Part # UPC2745
Description  3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745 Datasheet(HTML) 5 Page - NEC

  UPC2745 Datasheet HTML 1Page - NEC UPC2745 Datasheet HTML 2Page - NEC UPC2745 Datasheet HTML 3Page - NEC UPC2745 Datasheet HTML 4Page - NEC UPC2745 Datasheet HTML 5Page - NEC UPC2745 Datasheet HTML 6Page - NEC UPC2745 Datasheet HTML 7Page - NEC UPC2745 Datasheet HTML 8Page - NEC UPC2745 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
mmPC2745TB, mmPC2746TB
STANDARD CHARACTERISTICS FOR REFERENCE (TA = +25
°°C, VCC = 3.0 V, ZL = ZS = 50 W
W)
PARAMETER
SYMBOL
TEST CONDITION
mPC2745TB mPC2745B UNIT
Circuit current
ICC
VCC = 1.8 V, No signals
4.5
4.5
mA
Power Gain
GP
VCC = 3.0 V, f = 1 GHz
VCC = 3.0 V, f = 2 GHz
VCC = 1.8 V, f = 500 MHz
12
11
7
18.5
¾
14
dB
Noise figure
NF
VCC = 3.0 V, f = 1 GHz
VCC = 3.0 V, f = 2 GHz
VCC = 1.8 V, f = 500 MHz
5.5
5.7
8.0
4.2
¾
5.0
dB
Upper limit
operating
frequency
fu
VCC = 1.8 V, 3 dB down below from gain at f = 100 MHz
1.8
1.1
GHz
Isolation
ISL
VCC = 3.0 V, f = 1 GHz
VCC = 3.0 V, f = 2 GHz
VCC = 1.8 V, f = 500 MHz
33
30
35
38
¾
37
dB
Input return loss
RLin
VCC = 3.0 V, f = 1 GHz
VCC = 3.0 V, f = 2 GHz
VCC = 1.8 V, f = 500 MHz
13
14
6.5
10
¾
10
dB
Output return
loss
RLout
VCC = 3.0 V, f = 1 GHz
VCC = 3.0 V, f = 2 GHz
VCC = 1.8 V, f = 500 MHz
6.5
8.5
6.0
8.5
¾
9.5
dB
Maximum output
level
PO(sat)
VCC = 3.0 V, f = 1 GHz, Pin =
-6 dBm
VCC = 3.0 V, f = 2 GHz, Pin =
-6 dBm
VCC = 1.8 V, f = 500 MHz, Pin =
-10 dBm
-2.5
-3.5
-11
-1
¾
-8
dBm
3rd order
intermodulation
distortion
IM3
VCC = 3.0 V, Pout =
-20 dBm, f1 = 500 MHz, f2 = 502 MHz
VCC = 3.0 V, Pout =
-20 dBm, f1 = 1 000 MHz, f2 = 1 002 MHz
VCC = 1.8 V, Pout =
-20 dBm, f1 = 500 MHz, f2 = 502 MHz
-54
-50
-31
-51
¾
-37
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com