Electronic Components Datasheet Search
  English  ▼

X  

HMP8191 Datasheet(PDF) 31 Page - Intersil Corporation

Part # HMP8191
Description  NTSC/PAL Video Encoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8191 Datasheet(HTML) 31 Page - Intersil Corporation

Back Button HMP8191 Datasheet HTML 24Page - Intersil Corporation HMP8191 Datasheet HTML 25Page - Intersil Corporation HMP8191 Datasheet HTML 26Page - Intersil Corporation HMP8191 Datasheet HTML 27Page - Intersil Corporation HMP8191 Datasheet HTML 28Page - Intersil Corporation HMP8191 Datasheet HTML 29Page - Intersil Corporation HMP8191 Datasheet HTML 30Page - Intersil Corporation HMP8191 Datasheet HTML 31Page - Intersil Corporation HMP8191 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31
Evaluation Kits
The HMP8190EVAL1 is a small (index card size) printed
circuit board containing the encoder, voltage references and
bypassing, analog output filters, and input/output
connectors. The board allows the encoder’s operation and
performance to be observed and measured.
The HMP8190EVAL1 board has a 50 pin, two row receptacle
which allows connection into an existing system. The
connector provides access to all of the encoder’s digital
inputs and outputs.
The HMP8156EVAL2 is the Intersil designed mother board
for the HMP8190EVAL1. The mother board is a standard
size PC add in card with an ISA bus interface and application
software. The HMP8156EVAL2 kit is a complete system
which allows demonstrating all of both encoders’ operating
modes. It has analog video inputs for composite, S-video,
and component RGB signals. The analog signals are
converted/decoded to the digital domain and input to the
encoder. The board also provides a 3 megabyte video RAM
for image capture and display and a BT.656 connector and
interface.
For simpler operation, the HMP8190EVAL1 may also be
driven by external power supplies, a BT.656 signal
generator, and a PC parallel port. The evaluation kit includes
application software to program the part using its I2C bus
connected to the printer port. The board includes the
standard 25 pin BT.656 connector and interface.
FIGURE 27. EXTERNAL REFERENCE VOLTAGE CIRCUIT
FIGURE 28A. HIGH QUALITY FILTER
FIGURE 28B. LOW COST FILTER
FIGURE 28. EXAMPLE POST-FILTER CIRCUITS
0.01
µF
+
4.7
µF
VAA
1.235V
ICL8069
6.8K
RL
75
1.0
µH
82pF
2.2
µH
330pF
1.0
µH
39pF
330pF
75
RL
75
2.7
µH
560pF
560pF
75
HMP8190, HMP8191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com