Electronic Components Datasheet Search
  English  ▼

X  

HMP8191 Datasheet(PDF) 22 Page - Intersil Corporation

Part # HMP8191
Description  NTSC/PAL Video Encoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8191 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button HMP8191 Datasheet HTML 18Page - Intersil Corporation HMP8191 Datasheet HTML 19Page - Intersil Corporation HMP8191 Datasheet HTML 20Page - Intersil Corporation HMP8191 Datasheet HTML 21Page - Intersil Corporation HMP8191 Datasheet HTML 22Page - Intersil Corporation HMP8191 Datasheet HTML 23Page - Intersil Corporation HMP8191 Datasheet HTML 24Page - Intersil Corporation HMP8191 Datasheet HTML 25Page - Intersil Corporation HMP8191 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
Pinout
HMP8190/HMP8191
(PQFP)
TOP VIEW
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
VAA
Y
GND
C
GND
VAA
GND
NTSC/PAL
GND
VAA
GND
GND
GND
VAA
VAA
GND
P8
P10
P11
GND
CLK2
VAA
CLK
P14
P15
VSYNC
HSYNC
FIELD
BLANK
P9
P12
P13
Pin Descriptions
PIN
NAME
PIN
NUMBER
INPUT/
OUTPUT
DESCRIPTION
P0-P15
58, 55-43,
38, 37
I
Pixel Input Pins. See Table 1. Any pixel inputs not used should be connected to GND.
NC
32-27, 23,
22
I
No Connect Pins. These pins are not used. They may be left floating or may be connected
to GND.
RESV
21
I
This pin is reserved and should be connected to GND.
FIELD
34
O
FIELD Output. The field output indicates that the encoder is outputting the odd or even video
field. The polarity of FIELD is programmable.
HSYNC
35
I/O
Horizontal Sync Input/Output. As an input, this pin must be asserted during the horizontal
sync intervals. If it occurs early, the line time will be shortened. If it occurs late, the line time
will be lengthened by holding the outputs at the front porch level. As an output, it is asserted
during the horizontal sync intervals. The polarity of HSYNC is programmable. If not driven,
the circuit for this pin should include a 4-12k
Ω pull up resistor connected to VAA.
VSYNC
36
I/O
Vertical Sync Input/Output. As an input, this pin must be asserted during the vertical sync
intervals. If it occurs early, the field time will be shortened. If it occurs late, the field time will
be lengthened by holding the outputs at the blanking level. As an output, it is asserted during
the vertical sync intervals. The polarity of VSYNC is programmable. If not driven, the circuit
for this pin should include a 4-12k
Ω pull up resistor connected to VAA.
BLANK
33
I/O
Composite Blanking Input/Output. As an input, this pin must be asserted during the horizon-
tal and vertical blanking intervals. As an output, it is asserted during the horizontal and ver-
tical blanking intervals. The polarity of BLANK is programmable. If not driven, the circuit for
this pin should include a 4-12k
Ω pull up resistor connected to VAA.
CLK
39
I/O
1x Pixel Clock Input/Output. As an input, this clock must be free-running and synchronous
to the clock signal on the CLK2 pin. As an output, this pin may drive a maximum of one LS
TTL load. CLK is generated by dividing CLK2 by two or four, depending on the mode. If not
driven, the circuit for this pin should include a 4-12k
Ω pull up resistor connected to VAA.
CLK2
41
I
2x Pixel Clock Input. This clock must be a continuous, free-running clock.
HMP8190, HMP8191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com