Electronic Components Datasheet Search
  English  ▼

X  

HMP8191 Datasheet(PDF) 30 Page - Intersil Corporation

Part # HMP8191
Description  NTSC/PAL Video Encoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8191 Datasheet(HTML) 30 Page - Intersil Corporation

Back Button HMP8191 Datasheet HTML 24Page - Intersil Corporation HMP8191 Datasheet HTML 25Page - Intersil Corporation HMP8191 Datasheet HTML 26Page - Intersil Corporation HMP8191 Datasheet HTML 27Page - Intersil Corporation HMP8191 Datasheet HTML 28Page - Intersil Corporation HMP8191 Datasheet HTML 29Page - Intersil Corporation HMP8191 Datasheet HTML 30Page - Intersil Corporation HMP8191 Datasheet HTML 31Page - Intersil Corporation HMP8191 Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
External Reference Voltage
If an external reference voltage is used, its circuitry should
receive power from the same plane as the
HMP8190/HMP8191. The external VREF must also be
stable and well decoupled from the power plane. An example
VREF circuit using a band gap reference diode is shown in
Figure 27.
Analog Output Filters
The various video standards specify the frequency response
of the video signal. The HMP8190/HMP8191 uses 2X
oversampling DACs to simplify the reconstruction filter
required. Example post filters are shown in Figure 28. The
analog output filters should be as close as possible to the
HMP8190/HMP8191.
FIGURE 26A. VCC AND VAA PLANES
FIGURE 26B. COMMON GROUND PLANE
FIGURE 26. EXAMPLE POWER AND GROUND PLANES
VCC
VAA
FERRITE
BEAD
BULK AREA
CAPACITOR
8154/8156A
PCB
VCC
VAA
FERRITE
BEAD
BULK AREA
CAPACITOR
817x
PCB
LP
ANALOG
FILTERS
CONN.
LP
ANALOG
FILTERS
CONN.
GND
8154/8156A
PCB
GND
817x
PCB
LP
ANALOG
FILTERS
CONN.
LP
ANALOG
FILTERS
CONN.
HMP8190, HMP8191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com