Electronic Components Datasheet Search
  English  ▼

X  

UPC2797 Datasheet(PDF) 4 Page - NEC

Part # UPC2797
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2797 Datasheet(HTML) 4 Page - NEC

  UPC2797 Datasheet HTML 1Page - NEC UPC2797 Datasheet HTML 2Page - NEC UPC2797 Datasheet HTML 3Page - NEC UPC2797 Datasheet HTML 4Page - NEC UPC2797 Datasheet HTML 5Page - NEC UPC2797 Datasheet HTML 6Page - NEC UPC2797 Datasheet HTML 7Page - NEC UPC2797 Datasheet HTML 8Page - NEC UPC2797 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
µPC2797GR
4
Data Sheet P11889EJ3V0DS00
Pin Voltage TYP.
Pin No.
Symbol
above: VHF mode
Function and Explanation
Equivalent Circuit
below: UHF mode
11
REG
6.90
Monitor pin of regulator output
6.90
voltage.
12
IF output
2.80
IF output pin of VHF-UHF
band functions.
2.80
13
VCC
9.0
Power supply pin for VHF-
9.0
UHF band functions.
14
MIX
7.10
VHF and UHF MIX output pins.
output1
7.05
These pins should be
15
MIX
7.10
equipped with tank circuit to
output2
7.05
adjust intermediate frequency.
16
VRF input
3.10
Bypass pin for VHF MIX input.
(bypass)
Grounded through capacitor.
3.10
17
VRF input
3.10
VRF signal input pin from
antenna.
3.10
18
GND
0.0
GND pin of MIX, IF amplifier
and regulator.
0.0
19
URF input
3.10
Bypass pin for UHF MIX input.
(bypass)
Grounded through capacitor.
3.10
20
URF input
3.10
URF signal input pin from
antenna.
3.10
12
13
17
from
VHF
OSC
16
13
14 15
19
from
UHF
OSC
20
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com