Electronic Components Datasheet Search
  English  ▼

X  

UPC2797 Datasheet(PDF) 5 Page - NEC

Part # UPC2797
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2797 Datasheet(HTML) 5 Page - NEC

  UPC2797 Datasheet HTML 1Page - NEC UPC2797 Datasheet HTML 2Page - NEC UPC2797 Datasheet HTML 3Page - NEC UPC2797 Datasheet HTML 4Page - NEC UPC2797 Datasheet HTML 5Page - NEC UPC2797 Datasheet HTML 6Page - NEC UPC2797 Datasheet HTML 7Page - NEC UPC2797 Datasheet HTML 8Page - NEC UPC2797 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
µPC2797GR
5
Data Sheet P11889EJ3V0DS00
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage 1
VCC
11.0
V
Supply Voltage 2
UB
11.0
V
Power dissipation
PD
TA = 75
°C*1
500
mW
Operating Ambient Temperature
TA
–40 to +75
°C
Storage temperature
Tstg
–60 to +150
°C
*1 Mounted on 50
× 50 × 1.6 mm double copper epoxy glass board.
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply voltage 1
VCC
8.0
9.0
10.0
V
Supply voltage 2
UB
8.0
9.0
10.0
V
Operating Ambient Temperature
TA
–20
+25
+75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com