Electronic Components Datasheet Search
  English  ▼

X  

UPC2797 Datasheet(PDF) 11 Page - NEC

Part # UPC2797
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2797 Datasheet(HTML) 11 Page - NEC

Back Button UPC2797 Datasheet HTML 7Page - NEC UPC2797 Datasheet HTML 8Page - NEC UPC2797 Datasheet HTML 9Page - NEC UPC2797 Datasheet HTML 10Page - NEC UPC2797 Datasheet HTML 11Page - NEC UPC2797 Datasheet HTML 12Page - NEC UPC2797 Datasheet HTML 13Page - NEC UPC2797 Datasheet HTML 14Page - NEC UPC2797 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
µPC2797GR
11
Data Sheet P11889EJ3V0DS00
OUTPUT IMPEDANCE (by measurement circuit 5)
<IF OUTPUT: 12 PIN>
START
STOP
0.045000000 GHz
0.065000000 GHz
1 45 MHz
53.869
Ω 53.543Ω
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com