Electronic Components Datasheet Search
  English  ▼

X  

UPC2797 Datasheet(PDF) 8 Page - NEC

Part # UPC2797
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2797 Datasheet(HTML) 8 Page - NEC

Back Button UPC2797 Datasheet HTML 4Page - NEC UPC2797 Datasheet HTML 5Page - NEC UPC2797 Datasheet HTML 6Page - NEC UPC2797 Datasheet HTML 7Page - NEC UPC2797 Datasheet HTML 8Page - NEC UPC2797 Datasheet HTML 9Page - NEC UPC2797 Datasheet HTML 10Page - NEC UPC2797 Datasheet HTML 11Page - NEC UPC2797 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
µPC2797GR
8
Data Sheet P11889EJ3V0DS00
TYPICAL CHARACTERISTICS
ICC vs. VCC
VCC - Supply Voltage - V
50
45
40
35
30
25
20
15
10
5
0
02468
10
12
VHF mode
no input signal*1
measurement
circuit 1
ICC vs. VCC
VCC - Supply Voltage - V
50
45
40
35
30
25
20
15
10
5
0
02468
10
12
UHF mode
no input signal*1
measurement
circuit 1
Pout vs. Pin
Pin - Input Power - dBm
15
–20
–40
VCC = 9 V
fRF = 470 MHz
fIF = 45 MHz
POSC = –10 dBm
measurement
circuit 2
Pout vs. Pin
Pin - Input Power - dBm
15
–40
10
VCC = 9 V
fRF = 890 MHz
fIF = 45 MHz
POSC = –10 dBm
measurement
circuit 2
CM vs. fRF
fRF - Input Frequency - MHz
10
5
–30
–20
–10
0
10
5
0
–5
–10
–15
CG, NF vs. fRF
fRF - Input Frequency - MHz
30
0
1 000
VCC = 9 V
fIF = 45 MHz
PRF = –30 dBm
POSC = –10 dBm
POSC = 0 dBm
(@UHF, NF)
measurement circuit 2, 3
200
400
600
800
25
20
15
10
5
0
TA = 25 °C
TA = 75 °C
TA = –20 °C
TA = 25 °C
TA = 75 °C
TA = –20 °C
0
–5
–10
–15
–30
–20
–10
0
10
TA = 25 °C
TA = 75 °C
TA = –20 °C
TA = 25 °C
TA = 75 °C
TA = –20 °C
TA = 25 °C
TA = 75 °C
TA = –20 °C
105
0
1 000
VCC = 9 V
fundes = fRF + 6MHz
fIF = 45 MHz
PRF = –30 dBm
POSC = –10 dBm
measurement
circuit 4
200
400
600
800
100
95
90
85
80
TA = 25 °C
TA = 75 °C
TA = –20 °C
*1 External resistor is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com