Electronic Components Datasheet Search
  English  ▼

X  

UPC3202 Datasheet(PDF) 10 Page - NEC

Part # UPC3202
Description  FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3202 Datasheet(HTML) 10 Page - NEC

Back Button UPC3202 Datasheet HTML 6Page - NEC UPC3202 Datasheet HTML 7Page - NEC UPC3202 Datasheet HTML 8Page - NEC UPC3202 Datasheet HTML 9Page - NEC UPC3202 Datasheet HTML 10Page - NEC UPC3202 Datasheet HTML 11Page - NEC UPC3202 Datasheet HTML 12Page - NEC UPC3202 Datasheet HTML 13Page - NEC UPC3202 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet P12151EJ3V0DS00
10
µµµµPC3202GR
INPUT IMPEDANCE (By measurement circuit 5)
<VRF INPUT: 17 PIN>
START
0.045000000 GHz
STOP
0.500000000 GHz
3
1
2
∇1
45 MHz
890.25
Ω – 235.69 Ω
∇2 200 MHz
357.45
Ω – 356.78 Ω
∇3 470 MHz
95.016
Ω – 179.81 Ω
<VRF INPUT: 20 PIN>
START
0.400000000 GHz
STOP
1.000000000 GHz
3
1
2
∇1 400 MHz
100.35
Ω – 190.80 Ω
∇2 600 MHz
40.156
Ω – 103.16 Ω
∇3 890 MHz
12.047
Ω – 46.439 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com