Electronic Components Datasheet Search
  English  ▼

X  

UPC3202 Datasheet(PDF) 14 Page - NEC

Part # UPC3202
Description  FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3202 Datasheet(HTML) 14 Page - NEC

Back Button UPC3202 Datasheet HTML 10Page - NEC UPC3202 Datasheet HTML 11Page - NEC UPC3202 Datasheet HTML 12Page - NEC UPC3202 Datasheet HTML 13Page - NEC UPC3202 Datasheet HTML 14Page - NEC UPC3202 Datasheet HTML 15Page - NEC UPC3202 Datasheet HTML 16Page - NEC UPC3202 Datasheet HTML 17Page - NEC UPC3202 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Data Sheet P12151EJ3V0DS00
14
µµµµPC3202GR
MEASUREMENT CIRCUIT 5
U OSC
V OSC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
REG
OPEN
OPEN
1000
pF
1000
pF
VCC (5 V)
1000
pF
1000
pF
1000
pF
1000
pF
1000
pF
UB (5 V)
VCC (5 V)
VHF
UHF
1000
pF
1000
pF
1000
pF
1000
pF
1000
pF
1000
pF
220 nH
220 nH
VHF
GND
UHF
5 V
4pin Voltage
Network
Analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com