Electronic Components Datasheet Search
  English  ▼

X  

UPC3202 Datasheet(PDF) 15 Page - NEC

Part # UPC3202
Description  FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3202 Datasheet(HTML) 15 Page - NEC

Back Button UPC3202 Datasheet HTML 11Page - NEC UPC3202 Datasheet HTML 12Page - NEC UPC3202 Datasheet HTML 13Page - NEC UPC3202 Datasheet HTML 14Page - NEC UPC3202 Datasheet HTML 15Page - NEC UPC3202 Datasheet HTML 16Page - NEC UPC3202 Datasheet HTML 17Page - NEC UPC3202 Datasheet HTML 18Page - NEC UPC3202 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet P12151EJ3V0DS00
15
µµµµPC3202GR
APPLICATION CIRCUIT EXAMPLE
UOSC
VOSC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
REG
1000
pF
1000
pF
VCC
1 pF
360 pF
47 k
47 k
47 k
47 k
2.7 k
47 k
47 k
360 pF
3 pF
6 pF
3 pF
1000
pF
1000
pF
1000
pF
1000
pF
1000
pF
10 pF
82
pF
200
pF
75
1 T 363
×2
6 pF
8 pF
2 T
4 T
1 T 363
0.5 pF
UB (5 V)
VHF
OSC
OUT
VCC
HB
LB
UHF
1000
pF
1000
pF
1000
pF
1000
pF
1000
pF
220 nH
220 nH
URF IN
VRF IN
IF OUT
22
pF
2.7 k
Vtu
Vtu
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com