Electronic Components Datasheet Search
  English  ▼

X  

ADM8690 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM8690
Description  Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8690 Datasheet(HTML) 5 Page - Analog Devices

  ADM8690_15 Datasheet HTML 1Page - Analog Devices ADM8690_15 Datasheet HTML 2Page - Analog Devices ADM8690_15 Datasheet HTML 3Page - Analog Devices ADM8690_15 Datasheet HTML 4Page - Analog Devices ADM8690_15 Datasheet HTML 5Page - Analog Devices ADM8690_15 Datasheet HTML 6Page - Analog Devices ADM8690_15 Datasheet HTML 7Page - Analog Devices ADM8690_15 Datasheet HTML 8Page - Analog Devices ADM8690_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 5 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER-FAIL DETECTOR
PFI Input Threshold
1.25
1.3
1.35
V
VCC = 5 V
PFI Input Current
−25
±0.01
+25
nA
PFO Output Voltage
0.4
V
ISINK = 3.2 mA
3.5
V
ISOURCE = 1 μA
PFO Short-Circuit Source Current
1
3
25
μA
PFI = low, PFO = 0 V
PFO Short-Circuit Sink Current
25
mA
PFI = high, PFO = VOUT
CHIP ENABLE GATING
CEIN Threshold
0.8
V
VIL
3.0
V
VIH
CEIN Pull-Up Current
3
μA
CEOUT Output Voltage
0.4
V
ISINK = 3.2 mA
VOUT − 1.5
V
ISOURCE = 3.0 mA
VOUT − 0.05
V
ISOURCE = 1 μA, VCC = 0 V
CE Propagation Delay
3
7
ns
OSCILLATOR
OSC IN Input Current
±2
μA
OSC SEL Input Pull-Up Current
5
μA
OSC IN Frequency Range
0
500
kHz
OSC SEL = 0 V
OSC IN Frequency with External Capacitor
4
kHz
OSC SEL = 0 V, COSC = 47 pF
1 WDI is a three-level input that is internally biased to 38% of VCC and has an input impedance of approximately 5 MΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com