Electronic Components Datasheet Search
  English  ▼

X  

ADM8690 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM8690
Description  Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8690 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM8690_15 Datasheet HTML 12Page - Analog Devices ADM8690_15 Datasheet HTML 13Page - Analog Devices ADM8690_15 Datasheet HTML 14Page - Analog Devices ADM8690_15 Datasheet HTML 15Page - Analog Devices ADM8690_15 Datasheet HTML 16Page - Analog Devices ADM8690_15 Datasheet HTML 17Page - Analog Devices ADM8690_15 Datasheet HTML 18Page - Analog Devices ADM8690_15 Datasheet HTML 19Page - Analog Devices ADM8690_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 16 of 20
TYPICAL APPLICATIONS
ADM8690 AND ADM8692
Figure 30 shows the ADM8690/ADM8692 in a typical power
monitoring, battery backup application. VOUT powers the CMOS
RAM. Under normal operating conditions with VCC present,
VOUT is internally connected to VCC. If a power failure occurs,
VCC decays and VOUT is switched to VBATT, thereby maintaining
power for the CMOS RAM. A RESET pulse is also generated
when VCC falls below 4.65 V for the ADM8690 or 4.4 V for the
ADM8692. RESET remains low for 50 ms after VCC returns to 5 V.
The watchdog timer input (WDI) monitors an input/output line
from the microprocessor system. This line must be toggled once
every 1.6 seconds to verify correct software execution. Failure to
toggle the line indicates that the microprocessor system is not
correctly executing its program and can be tied up in an endless
loop. If this happens, a reset pulse is generated to initialize the
microprocessor.
If the watchdog timer is not needed, the WDI input should be
left floating.
The power-fail input, PFI, monitors the input power supply via
a resistive divider network. The voltage on the PFI input is
compared with a precision 1.3 V internal reference. If the input
voltage drops below 1.3 V, a power-fail output (PFO) signal is
generated. This warns of an impending power failure and can
be used to interrupt the processor so that the system can be shut
down in an orderly fashion. The resistors in the sensing
network are ratioed to give the desired power-fail threshold
voltage (VT).
VT = (1.3 R1/R2) + 1.3 V
R1/R2 = (VT/1.3) − 1
+
5V
0.1µF
WDI
GND
PFI
BATTERY
R1
R2
VBATT
VCC
PFO
ADM8690/
ADM8692
CMOS RAM
POWER
POWER
MICROPROCESSOR
SYSTEM
NMI
I/O LINE
VOUT
RESET
RESET
Figure 30. ADM8690/ADM8692 Typical Application Circuit A
Figure 31 shows a similar application, but in this case the PFI
input monitors the unregulated input to the 7805 voltage
regulator. This gives an earlier warning of an impending power
failure. It is useful with processors operating at low speeds or
where there are a significant number of housekeeping tasks to
be completed before the power is lost.
+
INPUT
POWER
V > 8V
0.1µF
WDI
GND
PFI
BATTERY
R1
R2
VBATT
VCC
PFO
ADM8690/
ADM8692
CMOS RAM
POWER
POWER
MICROPROCESSOR
SYSTEM
NMI
I/O LINE
VOUT
RESET
RESET
7805
0.1µF
5V
Figure 31. ADM8690/ADM8692 Typical Application Circuit B
ADM8691, ADM8693, AND ADM8695
A typical connection for the ADM8691/ADM8693/ADM8695
is shown in Figure 32. CMOS RAM is powered from VOUT.
When 5 V power is present, this is routed to VOUT. If VCC fails,
VBATT is routed to VOUT. VOUT can supply up to 100 mA from
VCC, but if more current is required, an external PNP transistor
can be added. When VCC is higher than VBATT, the BATT ON
output goes low, providing up to 25 mA of base drive for the
external transistor. A 0.1 µF capacitor is connected to VOUT to
supply the transient currents for CMOS RAM. When VCC is
lower than VBATT, an internal 20 Ω MOSFET connects the
backup battery to VOUT.
RESET
NC
A0 TO 15
I/O LINE
NMI
RESET
MICROPROCESSOR
SYSTEM
PFI
GND
OSC IN
OSC SEL
WDI
WDO
R1
R2
VBATT
VCC
ADM8691/
ADM8693/
ADM8695
VOUT
0.1µF
SYSTEM STATUS
INDICATORS
BATT
ON
3V
BATTERY
INPUT POWER
5V
0.1µF
0.1µF
CMOS
RAM
ADDRESS
DECODE
LOW LINE
RESET
CEOUT
CEIN
PFO
Figure 32. ADM8691/ADM8693/ADM8695 Typical Application
RESET OUTPUT
The internal voltage detector monitors VCC and generates a
RESET output to hold the microprocessor reset line low when
VCC is below 4.65 V (4.4 V for ADM8693). An internal timer
holds RESET low for 50 ms (200 ms for the ADM8695) after
VCC rises above 4.65 V (4.4 V for the ADM8693). This prevents
repeated toggling of RESET, even if the 5 V power drops out
and recovers with each power line cycle.
The crystal oscillator normally used to generate the clock for
microprocessors can take several milliseconds to stabilize.
Because most microprocessors need several clock cycles to
reset, RESET must be held low until the microprocessor clock
oscillator has started. The power-up RESET pulse lasts 50 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com