Electronic Components Datasheet Search
  English  ▼

X  

ADM8690 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM8690
Description  Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8690 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM8690_15 Datasheet HTML 2Page - Analog Devices ADM8690_15 Datasheet HTML 3Page - Analog Devices ADM8690_15 Datasheet HTML 4Page - Analog Devices ADM8690_15 Datasheet HTML 5Page - Analog Devices ADM8690_15 Datasheet HTML 6Page - Analog Devices ADM8690_15 Datasheet HTML 7Page - Analog Devices ADM8690_15 Datasheet HTML 8Page - Analog Devices ADM8690_15 Datasheet HTML 9Page - Analog Devices ADM8690_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
V
CC
−0.3 V to +6 V
V
BATT
−0.3 V to +6 V
All Other Inputs
−0.3 V to V
OUT + 0.5 V
Input Current
V
CC
200 mA
V
BATT
50 mA
GND
20 mA
Digital Output Current
20 mA
Power Dissipation, N-8 PDIP
400 mW
θ
JA Thermal Impedance
120°C/W
Power Dissipation, R-8 SOIC
400 mW
θ
JA Thermal Impedance
120°C/W
Power Dissipation, N-16 PDIP
600 mW
θ
JA Thermal Impedance
135°C/W
Power Dissipation, RU-16 TSSOP
600 mW
θ
JA Thermal Impedance
158°C/W
Power Dissipation, R-16 SOIC_N
600 mW
θ
JA Thermal Impedance
110°C/W
Power Dissipation, RW-16 SOIC_W
600 mW
θ
JA Thermal Impedance
73°C/W
Operating Temperature Range
Industrial (A Version)
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com