Electronic Components Datasheet Search
  English  ▼

X  

ADM8690 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM8690
Description  Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8690 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM8690_15 Datasheet HTML 3Page - Analog Devices ADM8690_15 Datasheet HTML 4Page - Analog Devices ADM8690_15 Datasheet HTML 5Page - Analog Devices ADM8690_15 Datasheet HTML 6Page - Analog Devices ADM8690_15 Datasheet HTML 7Page - Analog Devices ADM8690_15 Datasheet HTML 8Page - Analog Devices ADM8690_15 Datasheet HTML 9Page - Analog Devices ADM8690_15 Datasheet HTML 10Page - Analog Devices ADM8690_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADM8690/ADM8691/ADM8692/ADM8693/ADM8695
Rev. B | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
8
7
6
5 PFO
WDI
RESET
GND
PFI
ADM8690/
ADM8692
TOP VIEW
(Not to Scale)
VOUT
VCC
VBATT
Figure 3. ADM8690 and ADM8692,
Pin Configuration
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
WDO
RESET
RESET
GND
PFO
WDI
BATT ON
LOW LINE
OSC IN
OSC SEL
PFI
ADM8691/
ADM8693/
ADM8695
TOP VIEW
(Not to Scale)
VBATT
VOUT
VCC
CEIN
CEOUT
Figure 4. ADM8691, ADM8693, and ADM8695
Pin Configuration
Table 4. Pin Function Descriptions
Mnemonic
Function
V
CC
Power Supply Input. 5 V nominal.
V
BATT
Backup Battery Input.
V
OUT
Output Voltage. V
CC or VBATT is internally switched to VOUT, depending on which is at the highest potential. VOUT can supply up to
100 mA to power CMOS RAM. Connect V
OUT to VCC if VOUT and VBATT are not used.
GND
Ground. This is the 0 V ground reference for all signals.
RESET
Logic Output. RESET goes low if VCC falls below the reset threshold, or the watchdog timer is not serviced within its timeout
period. The reset threshold is typically 4.65 V for the ADM8690/ADM8691/ADM8695 and 4.4 V for the ADM8692 and
ADM8693. RESET remains low for 50 ms (ADM8690/ADM8691/ADM8692/ADM8693) or 200 ms (ADM8695) after VCC returns
above the threshold. RESET also goes low for 50 ms (ADM8690/ADM8691/ADM8692/ADM8693) or 200 ms (ADM8695) if the
watchdog timer is enabled but not serviced within its timeout period. The RESET pulse width can be adjusted on the
ADM8691/ADM8693/ADM8695, as shown in Table 5. The RESET output has an internal 3 µA pull-up, and can either connect to
an open collector reset bus or directly drive a CMOS gate without an external pull-up resistor.
WDI
Watchdog Input. WDI is a three-level input. If WDI remains either high or low for longer than the watchdog timeout period,
RESET pulses low and WDO goes low. The timer resets with each transition on the WDI line. The watchdog timer can be
disabled if WDI is left floating or is driven to midsupply.
PFI
Power-Fail Input. PFI is the noninverting input to the power-fail comparator. When PFI is less than 1.3 V, PFO goes low.
Connect PFI to GND or V
OUT when not used.
PFO
Power-Fail Output. PFO is the output of the power-fail comparator. It goes low when PFI is less than 1.3 V. The comparator is
turned off and PFO goes low when VCC is below VBATT.
CEIN
Logic Input. The input to the CE gating circuit. When not in use, connect this pin to GND or VOUT.
CEOUT
Logic Output. CEOUT is a gated version of the CEIN signal. CEOUT tracks CEIN when VCC is above the reset threshold. If VCC is below
the reset threshold, CEOUT is forced high. See Figure 21 and Figure 22.
BATT ON
Logic Output. BATT ON goes high when V
OUT is internally switched to the VBATT input. It goes low when VOUT is internally
switched to V
CC. The output typically sinks 35 mA and can directly drive the base of an external PNP transistor to increase the
output current above the 100 mA rating of V
OUT.
LOW LINE
Logic Output. LOW LINE goes low when VCC falls below the reset threshold. It returns high as soon as VCC rises above the reset
threshold.
RESET
Logic Output. RESET is an active high output. It is the inverse of RESET.
OSC SEL
Logic Oscillator Select Input. When OSC SEL is unconnected (floating) or driven high, the internal oscillator sets the reset
active time and watchdog timeout period. When OSC SEL is low, the external oscillator input, OSC IN, is enabled. OSC SEL has
a 3 µA internal pull-up (see Table 5).
OSC IN
Oscillator Logic Input. With OSC SEL low, OSC IN can be driven by an external clock signal or an external capacitor can be
connected between OSC IN and GND. This sets both the reset active pulse timing and the watchdog timeout period (see
Table 5 and Figure 17, Figure 18, Figure 19, and Figure 20). With OSC SEL high or floating, the internal oscillator is enabled and
the reset active time is fixed at 50 ms typical (ADM8691/ADM8693) or 200 ms typical (ADM8695). In this mode, the OSC IN pin
selects between fast (100 ms) and slow (1.6 s) watchdog timeout periods. In both modes, the timeout period immediately
after a reset is 1.6 s typical.
WDO
Logic Output. The watchdog output, WDO, goes low if WDI remains either high or low for longer than the watchdog timeout
period. WDO is set high by the next transition at WDI. If WDI is unconnected or at midsupply, the watchdog timer is disabled
and WDO remains high. WDO also goes high when LOW LINE goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com