Electronic Components Datasheet Search
  English  ▼

X  

KX6P02 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX6P02
Description  P-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX6P02 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KX6P02 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel Enhancement MOSFET
KX6P02
■
Features
●
VDS (V) =-20V
●
Low ON-resitance:
1.
Gate
2.
3.
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-20
Gate-Source Voltage
VGS
±8
Continuous Drain Current
*1
ID
-6.0
Pulsed Drain Current
*2
IDM
-24
Power Dissipation
*3
1
Power Dissipation t=10s
2
Junction Temperature
TJ
150
Junction and Storage Temperature Range
Tst g
-55 to 150
*1 The channel temperature should not exceed 150°C during use.
*2 PW ≦ 10μs,Duty ≦ 1%
*3 Mounted on a FR4 board.
V
A
℃
PD
W
RD S (O N ) =88.4mΩ (VGS =-1.5V)
RD S (O N ) = 56mΩ (VGS =-1.8V)
RD S (O N ) =39.7mΩ (VGS =-2.5V)
RD S (O N ) = 29.8mΩ VGS = -4.5 V)
Source
Drain
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02


Similar Part No. - KX6P02

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX6N70 KEXIN-KX6N70 Datasheet
3Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
KX6N80F KEXIN-KX6N80F Datasheet
3Mb / 6P
N-Channel MOSFET
More results

Similar Description - KX6P02

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com