Electronic Components Datasheet Search
  English  ▼

X  

KX6P02 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX6P02
Description  P-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX6P02 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KX6P02 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel Enhancement MOSFET
KX6P02
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
VDSS
ID= -1mA, VGS=0V
-20
V
V
VDS
ID= -1mA, VGS=5V *1
-15
Zero Gate Voltage Drain Current
IDSS
VDS=-20V, VGS=0V
-1
μ
μ
A
Gate-Body leakage current
IGSS
VDS= ± 8V, VGS=0V
±
1
A
Gate Threshold Voltage
VGS(off) VDS
DS
=-3V ID=-1mA
-0.3
-1.0
V
Forward transfer admittance
gfs
V = -3 V, ID = -1.0 A *2
4.5
9.1
S
VGS=-4.5V, ID=-3.0A
*2
24.9 29..8
VGS=-2.5V, ID=-2.5A
*2
31.1 39.7
VGS=-1.8V, ID=-1.5A
*2
38.8
56
VGS=-1.5V, ID=-0.5A
*2
47.4 88.4
Input Capacitance
Ci ss
840
Output Capacitance
Co ss
118
Reverse Transfer Capacitance
Crss
99
Total Gate Charge
Qg
12.8
Gate Source Charge
Qgs
1.4
Gate Drain Charge
Qgd
3.0
Turn-On DelayTime
td(on)
32
Turn-Off DelayTime
td(off)
107
Diode Forward Voltage
VSD
ID=6.0 A,VGS=0V
0.87 1.2
V
ns
mΩ
VGS=0 to -2.5V, VDD=-10V, ID=-2.0A,RGEN=4.7Ω
RDS(On)
Drain-Source Breakdown Voltage
VGS=0V,VDS=-10V, f=1MHz
VGS=-4.5V,VDD=-10V, IDS=-4A
pF
nC
Static Drain-Source On-Resistance
*1 VDSX mode (the application of a plus voltage between gate and source) may cause decrease in maximun
rating of drain-source voltage
*2 Pulse test
■
Marking
Marking
KFH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com