Electronic Components Datasheet Search
  English  ▼

X  

KX6P02 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX6P02
Description  P-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX6P02 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  KX6P02 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX6P02 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
P-Channel Enhancement MOSFET
KX6P02
■
Typical Characterisitics
|Yfs| – ID
0.1
-100
1.0
10
100
-0.1
-1
-10
30
0.3
3.0
C – VDS
0
0
-2
10
20
-8
-6
-4
30
Common Source
ID = -4.0 A
Ta = 25 °C
Vth – Ta
-0.8
0
−
50
0
150
-0.2
-0.4
-0.6
-1.0
50
100
VDD = -10 V
VDD = -16 V
t – ID
IDR – VDS
100
0
1
10
0.01
0.1
0.001
0.2
0.6
0.4
1.0
0.8
1.2
Common Source
VGS = 0 V
Ta = 25 °C
Pulse test
G
D
S
IDR
100 °C
25 °C
−
25 °C
Common Source
VDS = -3 V
Ta = 25 °C
Pluse test
-0.01
Common Source
VDS = -3 V
ID = -1 mA
10
-0.1
-1
-10
-100
1000
10000
3000
5000
300
500
100
50
30
Ciss
Crss
Coss
Common Source
Ta= 25 °C
f = 1 MHz
VGS = 0 V
1
-0.001
1000
-0.1
10000
-1
-10
100
tf
Common Source
VDD = -10 V
VGS = 0 to -2.5 V
Ta = 25 °C
RG = 4.7Ω
10
-0.01
toff
tr
ton
Ambient temperature Ta (°C)
Drain current ID (A)
Drain–source voltage VDS (V)
Total Gate Charge Qg (nC)
Dynamic Input Characteristic
Drain current ID (A)
Drain–source voltage VDS (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com