Electronic Components Datasheet Search
  English  ▼

X  

ADP3334 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3334
Description  Adjustable Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices ADP3334 Datasheet HTML 6Page - Analog Devices ADP3334 Datasheet HTML 7Page - Analog Devices ADP3334 Datasheet HTML 8Page - Analog Devices ADP3334 Datasheet HTML 9Page - Analog Devices ADP3334 Datasheet HTML 10Page - Analog Devices ADP3334 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
REV.
ADP3334
–7–
To have the lowest possible sensitivity of the output voltage to
temperature variations, it is important that the value of the parallel
resistance of R1 and R2 be kept as close as possible to 50 k
W.
RR
RR
k
12
12
50
¥
+
=W
(1)
Also, for the best accuracy over temperature, the feedback volt-
age should be set for 1.178 V:
VV
R
RR
FB
OUT
=¥
+
Ê
ËÁ
ˆ
¯˜
2
12
(2)
where VOUT is the desired output voltage and VFB is the virtual
band gap voltage. Note that VFB does not actually appear at the
FB pin due to loading by the internal PTAT current.
Combining the above equations and solving for R1 and R2 gives
the following formulas:
Rk
V
V
OUT
FB
150
=¥ Ê
ËÁ
ˆ
¯˜
W
(3)
R
k
V
V
FB
OUT
2
50
1
=
-
Ê
ËÁ
ˆ
¯˜
W
(4)
Table I. Feedback Resistor Selection
VOUT (V
) R1 (1% Resistor) (k ) R2 (1% Resistor) (k )
1.5
63.4
232.0
1.8
76.8
147.0
2.2
93.1
107.0
2.7
115.0
88.7
3.3
140.0
78.7
5.0
210.0
64.9
10.0
422.0
56.2
Using standard 1% values, as shown in Table I, will sacrifice
some output voltage accuracy. To estimate the overall output
voltage accuracy, it is necessary to take into account all sources
of error. The accuracy given in the specifications table does not
take into account the error introduced by the feedback resistor
divider ratio or the error introduced by the parallel combination
of the feedback resistors.
The error in the parallel combination of the feedback resistors
causes the reference to have a wider variation over temperature.
To estimate the variation, calculate the worst-case error from
50 k
W, and then use the graph in Figure 4 to estimate the
additional change in the output voltage over the operating
temperature range.
For example:
VIN = 5 V
VOUT = 3.3 V
R1 = 140 k
W, 1%
R2 = 78.7 k
W, 1%
Rp ERROR – %
3.0
2.5
2.0
1.5
1.0
0.5
0
02
3
456
Figure 4. Output Voltage Error vs.
Parallel Resistance Error
The actual output voltage can be calculated using the following
equation.
V.
V
R
R
V.
V
OUT
OUT
=¥
+
Ê
ËÁ
ˆ
¯˜
=
1 178
1
2
1
3 274
(5)
So worst-case error will occur when R1 has a –1% tolerance and
R2 has a +1% tolerance. Recalculating the output voltage, the
parallel resistance and error are:
V.
V
.
.
V.
V
Resistor Divider Error
.
.
OUT
OUT
=¥
+
Ê
ËÁ
ˆ
¯˜
=
=-
Ê
ËÁ
ˆ
¯˜
¥= -
1 178
138 6
79 5
1
3 232
3 232
33
1
100
2 1
%. %
(6)
R
RR
RR
..
..
.
k
R
Error
.
PARALLEL
PARALLEL
=
¥
+
=
¥
+
=
=-
Ê
ËÁ
ˆ
¯˜
¥=
12
12
138 6
79 5
138 6
79 5
50 51
50 51
50
1
100
1 02
W
%.
%
(7)
So, from the graph in Figure 4, the output voltage error is
estimated to be an additional 0.25%. The error budget is
1.8% (the initial output voltage accuracy over temperature),
plus 2.1% (resistor divider error), plus 0.25% (parallel resis-
tance error) for a worst-case total of 4.15%.
Thermal Overload Protection
The ADP3334 is protected against damage from excessive power
dissipation by its thermal overload protection circuit, which limits
the die temperature to a maximum of 165°C. Under extreme
conditions (i.e., high ambient temperature and power dissipation)
where die temperature starts to rise above 165°C, the output
current is reduced until the die temperature has dropped to a safe
level. The output current is restored when the die temperature
is reduced.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com