Electronic Components Datasheet Search
  English  ▼

X  

ADP3334 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3334
Description  Adjustable Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices ADP3334 Datasheet HTML 6Page - Analog Devices ADP3334 Datasheet HTML 7Page - Analog Devices ADP3334 Datasheet HTML 8Page - Analog Devices ADP3334 Datasheet HTML 9Page - Analog Devices ADP3334 Datasheet HTML 10Page - Analog Devices ADP3334 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
REV.
–8–
ADP3334
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For normal
operation, device power dissipation should be externally limited
so that junction temperatures will not exceed 150°C.
Calculating Junction Temperature
Device power dissipation is calculated as follows:
PV
V
I
V
I
DINOUT
LOAD
IN
GND
=-
()
+
()
(8)
where ILOAD and IGND are load current and ground current, VIN
and VOUT are input and output voltages, respectively.
Assuming ILOAD = 400 mA, IGND = 4 mA, VIN = 5.0 V and
VOUT = 2.8 V, device power dissipation is:
PmA
mA
mW
D
=-
()
+
() =
52 8 400
5 0 4
900
..
(9)
As an example, the proprietary package used in the ADP3334
has a thermal resistance of 86.6°C/W, significantly lower than
a standard SOIC-8 package. Assuming a 4-layer board, the
junction temperature rise above ambient temperature will be
approximately equal to:
DT= .
W
C W
C
A
J
0 900
86 6
77 9
¥
∞
=
∞
./
.
(10)
To limit the maximum junction temperature to 150°C, maxi-
mum allowable ambient temperature will be:
TC / W
C
AMAX
=
∞ -
∞
=
∞
150
77 9
72 1
C
..
(11)
The maximum power dissipation versus ambient temperature
for each package is shown in Figure 5.
AMBIENT TEMPERATURE – C
3.5
–20
0
20
406080
2.5
1.5
1.0
0.5
0
3.0
2.0
158 C/W MSOP
220 C/W MSOP
122 C/W SOIC
86 C/W SOIC
62 C/W LFCSP
48 C/W LFCSP
Figure 5. Power Derating Curve
Printed Circuit Board Layout Consideration
All surface-mount packages rely on the traces of the PC board
to conduct heat away from the package.
In standard packages, the dominant component of the heat
resistance path is the plastic between the die attach pad and the
individual leads. In typical thermally enhanced packages, one or
more of the leads are fused to the die attach pad, significantly
decreasing this component. To make the improvement mean-
ingful, however, a significant copper area on the PCB must be
attached to these fused pins.
As an example, the patented thermal coastline lead frame design
of the ADP3334 uniformly minimizes the value of the dominant
portion of the thermal resistance. It ensures that heat is con-
ducted away by all pins of the package. This yields a very low
86.6°C/W thermal resistance for the SOIC-8 package, without
any special board layout requirements, relying only on the normal
traces connected to the leads. This yields a 15% improvement in
heat dissipation capability as compared to a standard SOIC-8
package. The thermal resistance can be decreased by an addi-
tional 10% by attaching a few square centimeters of copper area
to the IN or OUT pins of the ADP3334 package.
It is not recommended to use solder mask or silkscreen on the
PCB traces adjacent to the ADP3334’s pins since it will increase
the junction-to-ambient thermal resistance of the package.
0.50
2x VIAS, 0.250
35µm PLATING
3.36
0.90
1.80
2.36
1.90
1.40
0.30
0.73
Figure 6. 3 mm x 3 mm LFCSP Pad Pattern
(Dimensions shown in millimeters)
LFCSP Layout Considerations
The LFCSP package has an exposed die paddle on the bottom,
which efficiently conducts heat to the PCB. In order to achieve
the optimum performance from the LFCSP package, special
consideration must be given to the layout of the PCB. Use the
following layout guidelines for the LFCSP package.
1. The pad pattern is given in Figure 6. The pad dimension
should be followed closely for reliable solder joints while
maintaining reasonable clearances to prevent solder bridging.
2. The thermal pad of the LFCSP package provides a low ther-
mal impedance path (approximately 20°C/W) to the PCB.
Therefore the PCB must be properly designed to effectively
conduct the heat away from the package. This is achieved by
adding thermal vias to the PCB, which provide a thermal
path to the inner or bottom layers. See Figure 5 for the rec-
ommended via pattern. Note that the via diameter is small to
prevent the solder from flowing through the via and leaving
voids in the thermal pad solder joint.
Note that the thermal pad is attached to the die substrate, so
the thermal planes that the vias attach the package to must
be electrically isolated or connected to VIN. Do NOT con-
nect the thermal pad to ground.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com