Electronic Components Datasheet Search
  English  ▼

X  

ADP3334 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3334
Description  Adjustable Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 1 Page - Analog Devices

  ADP3334 Datasheet HTML 1Page - Analog Devices ADP3334 Datasheet HTML 2Page - Analog Devices ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices ADP3334 Datasheet HTML 6Page - Analog Devices ADP3334 Datasheet HTML 7Page - Analog Devices ADP3334 Datasheet HTML 8Page - Analog Devices ADP3334 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
©
Analog Devices, Inc. All rights reserved.
ADP3334
High Accuracy, Low IQ, anyCAP®
Adjustable Low Dropout Regulator
FEATURES
High Accuracy over Line and Load:
0.9% @ 25 C,
1.8% over Temperature
500 mA Current Capability
Ultralow Dropout Voltage
Requires Only CO = 1.0
F for Stability
anyCAP = Stable with Any Type of Capacitor
(Including MLCC)
Current and Thermal Limiting
Low Noise
Low Shutdown Current: < 1.0
A (Typ)
2.6 V to 11 V Supply Range
1.5 V to 10 V Output Range
–40 C to +85 C Ambient Temperature Range
APPLICATIONS
Cellular Phones
TFT LCD Modules
Camcorders, Cameras
Networking Systems, DSL/Cable Modems
Cable Set-Top Boxes
DSP Supplies
Personal Digital Assistants
GENERAL DESCRIPTION
The ADP3334 is a member of the ADP333x family of precision
low dropout anyCAP voltage regulators. The ADP3334 operates
with an input voltage range of 2.6 V to 11 V and delivers a
continuous load current up to 500 mA. The novel anyCAP
architecture requires only a very small 1 µF output capacitor for
stability, and the LDO is insensitive to the capacitor’s equivalent
series resistance (ESR). This makes the ADP3334 stable with any
capacitor, including ceramic (MLCC) types for space restricted
applications.
The ADP3334 achieves exceptional accuracy of ±0.9% at room
temperature and ±1.8% over temperature, line, and load. The
dropout voltage of the ADP3334 is only 200 mV (typical) at
500 mA. This device also includes a safety current limit, ther-
mal overload protection, and a shutdown feature. In shutdown
mode, the ground current is reduced to less than 1 µA. The
ADP3334 has low quiescent current of 90 µA (typical) in light
load situations.
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3334
OUT
GND
Q1
BAND GAP
REF
DRIVER
gm
FB
SD
The ADP3334 is available in three different package options:
1. Excellent thermal capability, space saving 3 mm
3 mm LFCSP.
2. Popular low profile MSOP-8.
3. Traditional thermal enhanced SOIC-8.
CNR
ADP3334
OUT
VIN
IN
GND
VOUT
ON
OFF
IN
OUT
R1
R2
SD
CIN
1 F
FB
COUT
1 F
Figure 1. Typical Application Circuit
2014
C
781/461-3113


Similar Part No. - ADP3334

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3334 AD-ADP3334 Datasheet
230Kb / 8P
High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3334 AD-ADP3334 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADP3334 AD-ADP3334 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADP3334 AD-ADP3334 Datasheet
238Kb / 4P
Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
ADP3334 AD-ADP3334 Datasheet
155Kb / 4P
Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
More results

Similar Description - ADP3334

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
ADJUSTABLE LOW DROPOUT REGULATOR
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
ADJUSTABLE LOW DROPOUT REGULATOR
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
LOW DROPOUT ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
Negative Low Dropout Adjustable Regulator
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941_11 Datasheet
157Kb / 5P
Adjustable Low Dropout Regulator
logo
Analog Devices
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
Adjustable Low Dropout Regulator
REV. A
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com