Electronic Components Datasheet Search
  English  ▼

X  

ADP3334 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3334
Description  Adjustable Low Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3334 Datasheet HTML 3Page - Analog Devices ADP3334 Datasheet HTML 4Page - Analog Devices ADP3334 Datasheet HTML 5Page - Analog Devices ADP3334 Datasheet HTML 6Page - Analog Devices ADP3334 Datasheet HTML 7Page - Analog Devices ADP3334 Datasheet HTML 8Page - Analog Devices ADP3334 Datasheet HTML 9Page - Analog Devices ADP3334 Datasheet HTML 10Page - Analog Devices ADP3334 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Data Sheet
ADP3334
Rev. C | Page 11
Figure 9. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-8-13)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Package Description
Package Option
Branding
ADP3334ARZ
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADP3334ARZ-REEL
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADP3334ARZ-REEL7
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADP3334ACPZ-REEL7
8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-8-13
LLA
ADP3334ARMZ-REEL7
8-Lead Mini Small Outline Package [MSOP]
RM-8
L1N
1 Z = RoHS Compliant Part.
REVISION HISTORY
1/14—Rev. B to Rev. C
Added EPAD Note............................................................................ 3
Changes to Figure 9, Outline Dimensions .................................. 10
Changes to Ordering Guide .......................................................... 11
3/03—Rev. A to Rev. B
Edits to Specifications ...................................................................... 2
Edits to Output Voltage ................................................................... 6
Added text to Output Voltage section ........................................... 7
Added Figure 4.................................................................................. 7
Edits to Calculating Junction Temperature section ..................... 8
Renumbered Figures 5 and 6 .......................................................... 8
1/03—Rev. 0 to Rev. A
Added 8-Lead LFCSP and 8-Lead MSOP Package........Universal
Edits to product title .........................................................................1
Edits to Features.................................................................................1
Edits to Applications .........................................................................1
Edits to General Description ...........................................................1
Removed pin numbers from Figure 1.............................................1
Edits to Specifications .......................................................................2
Edits to Absolute Maximum Ratings ..............................................3
Edits to Ordering Guide ...................................................................3
Added pinouts to Pin Configurations ............................................3
Added text to Calculating Junction Temperature section ...........8
Added LFCSP Layout Considerations section ..............................8
Added Figure 5 ..................................................................................8
Updated 8-Lead SOIC Package..................................................... 10
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.55
1.45
1.35
1.84
1.74
1.64
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEED
PIN 1
INDICATOR
(R 0.15)
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02610-0-1/14(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com