Electronic Components Datasheet Search
  English  ▼

X  

ASW318 Datasheet(PDF) 18 Page - Advanced Semiconductor Business Inc.

Part # ASW318
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW318 Datasheet(HTML) 18 Page - Advanced Semiconductor Business Inc.

Back Button ASW318 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 22Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
December 2014
ASW318
5 ~ 4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by
1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
70
900
1800
2700
Magnitude S21 (dB)
16.0
15.0
14.5
14.0
Magnitude S11 (dB)
-8
-7
-8
-15
Magnitude S22 (dB)
-14
-11
-7
-7
Output P1dB (dBm)
24
24
24
21
Output IP31) (dBm)
44.0
41.5
43.5
39.0
Noise Figure (dB)
2.0
2.1
2.4
3.1
Device Voltage (V)
+8
Current (mA)
120
ONU
70 ~ 2700 MHz
+8 V
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
RF IN
RF OUT
ASW318
Vcc=8 V
C2=100 pF
C4=68 pF
C5=1
F
C1=0.75 pF
C3=100 pF
L3=15 nH
R1 = 240
L1=220 nH
(Coil Inductor)
L2=220 nH
(Coil Inductor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com