Electronic Components Datasheet Search
  English  ▼

X  

ASW318 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASW318
Description  5 ~ 4000 MHz MMIC Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW318 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASW318 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW318 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10/23
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
December 2014
ASW318
5 ~ 4000 MHz MMIC Amplifier
P1dB vs. Temperature
Current vs. Temperature
Output IP3 vs. Tone Power (Frequency = 900 MHz)
MHz)
Gain vs. Temperature
-60
-40
-20
0
20
40
60
80
100
60
80
100
120
140
160
Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
13
14
15
16
17
18
19
Temperature (
oC)
Frequency = 900 MHz
-60
-40
-20
0
20
40
60
80
100
20
22
24
26
28
30
Temperature (
oC)
Frequency = 900 MHz
8
9
10
11
12
13
14
15
16
17
18
10
20
30
40
50
60
70
P
out per Tone (dBm)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com