Electronic Components Datasheet Search
  English  ▼

X  

ACE25C800G Datasheet(PDF) 27 Page - ACE Technology Co., LTD.

Part # ACE25C800G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C800G Datasheet(HTML) 27 Page - ACE Technology Co., LTD.

Back Button ACE25C800G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 31Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
ACE25C800G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.6
27
Figure 33. Erase Security Registers command Sequence Diagram
Program Security Registers (42H)
The Program Security Registers command is similar to the Page Program command. It allows from
1 to 256 bytes Security Registers data to be programmed. A Write Enable (WREN) command must
previously have been executed to set the Write Enable Latch (WEL) bit before sending the Program
Security Registers command. The Program Security Registers command is entered by driving CS#
Low, followed by the command code (42H), three address bytes and at least one data byte on SI. As
soon as CS# is driven high, the self-timed Program Security Registers cycle (whose duration is tPP)
is initiated. While the Program Security Registers cycle is in progress, the Status Register may be
read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during
the self-timed Program Security Registers cycle, and is 0 when it is completed. At some unspecified
time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
If the Security Registers Lock Bit (LB3/LB2/LB1) is set to 1, the Security Registers will be
permanently locked. Program Security Registers command will be ignored.
Address
A23-A16
A15-A8
A7-A0
Security Registers 1
00H
01H
Byte Address
Security Registers 2
00H
02H
Byte Address
Security Registers 3
00H
03H
Byte Address
Figure25. Program Security Registers command Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com