Electronic Components Datasheet Search
  English  ▼

X  

ACE25C800G Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE25C800G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C800G Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE25C800G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ACE25C800G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.6
4
Ordering information
ACE25C800G
XX
+
X
H
- X
Uniform Block Sector Architecture
ACE25C800G 64K Bytes Block Sector Architecture
Block
Sector
Address range
15
255
0FF000H
0FFFFFH
….
….
….
240
0F0000H
0F0FFFH
14
239
0EF000H
0EFFFFH
….
….
….
224
0E0000H
0E0FFFH
….
….
….
….
….
….
….
….
….
….
….
….
….
….
….
….
….
2
47
02F000H
02FFFFH
….
….
….
32
020000H
020FFFH
1
31
01F000H
01FFFFH
….
….
….
16
010000H
010FFFH
0
15
00F000H
00FFFFH
….
….
….
0
000000H
000FFFH
U: Tube
T: Tape and Reel
Pb - free
DP: DIP-8
FM: SOP-8
FML: SOP-8 (208mil)
Halogen-free
Null: Commercial (0~70℃)
I: Industrial (-40~85℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com