Electronic Components Datasheet Search
  English  ▼

X  

ACE25C800G Datasheet(PDF) 30 Page - ACE Technology Co., LTD.

Part # ACE25C800G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C800G Datasheet(HTML) 30 Page - ACE Technology Co., LTD.

Back Button ACE25C800G Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25C800G Datasheet HTML 34Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ACE25C800G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.6
30
Latch Up Characteristics
Parameter
Min
Max
Input Voltage Respect To VSS On I/O Pins
-1.0V
VCC+1.0V
VCC Current
-100mA
100mA
Absolute Maximum Ratings
Parameter
Value
Unit
Ambient Operating Temperature
-40 to 85
℃
Storage Temperature
-55 to 125
℃
Output Short Circuit Current
200
mA
Applied Input / Output Voltage
-0.5 to 4.0
V
VCC
-0.5 to 4.0
V
Figure28. Input Test Waveform And Measurement Level
Capacitance Measurement Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
CIN
Input Capacitance
6
pF
VIN=0V
COUT
Output Capacitance
8
pF
VOUT=0V
CL
Load Capacitance
30
pF
Input Rise And Fall time
5
ns
Input Pause Voltage
0.2VCC to 0.8VCC
V
Input Timing Reference Voltage
0.3VCC to 0.7VCC
V
Output Timing Reference Voltage
0.5VCC
V
Maximum Negative Overshoot Waveform
Maximum Positive Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com