Electronic Components Datasheet Search
  English  ▼

X  

ACE621E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE621E
Description  Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE621E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE621E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE621E
Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
VER 1.2
2
Packaging Type
SOT-89-5
SOP-8
Ordering information
ACE621E XX
XX + H
PIN NUMBER
PIN NAME
Function
SOT-89-5
SOP-8
1
6
CE
Chip Enable
4
7.8
Vin
Ground
2
5
VSS
Power input
5
1.2.3
Vout
Output
3
4
NC
No Connection
Exposed Thermal PAD
Thermal PAD
Connect to GND
Pb - free
Halogen-free
AN: SOT-89-5
FM: SOP-8
Output Voltage : 1.5V/1.8V/3.3V~5.0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com