Electronic Components Datasheet Search
  English  ▼

X  

ACE621E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE621E
Description  Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE621E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE621E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE621E
Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
VER 1.2
4
VIN
Input Voltage
—
2.5
6.0
V
PSRR
Power Supply
Rejection Rate
1KHz
IOUT=100mA
70
dB
PSRR
VCE"H"
Power Supply
Rejection Rate
CE "High" Voltage
10KHz
IOUT=100mA
1.5
50
V
dB
VIN
VCE"L"
CE "Low" Voltage
0.3
V
TSD
Thermal Shutdown
Temperature
—
150
℃
△T
SD
Thermal Shutdown
Temperature Hysteresis
—
30
℃
Note: 1. VOUT:Specified Output Voltage.
2. VOUT (E):Effective Output Voltage (l.e. The Output Voltage When VIN=(VOUT+1.0V)
And Maintain A Certain IOUT Value).
3. Vdiff:The Difference Of Output Voltage And Input Voltage When Input Voltage Is Decreased Gradually Till Output Voltage
Equals To 98% Of VOUT (E).
Typical Application Circu
Note: Input capacitor (CIN) :4.7 uF or more;
Output capacitor( COUT): :4.7 uF or more;
Caution: A general series regulator may oscillate, depending on the external components selected. Check that
no oscillation occurs with the application using the above capacitor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com