Electronic Components Datasheet Search
  English  ▼

X  

ACE621E Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE621E
Description  Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE621E Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE621E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE621E
Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
VER 1.2
3
Block Diagram
Electrical Characteristics
ACE621E, For Arbitrary Output Voltage.(Test Conditions: Cin=COUT=4.7uF, Ta=25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT. (E)
(Note 2)
Output Voltage
VIN=VOUT+1V
IOUT=100mA
VOUT
*0.98
VOUT
(Note1)
VOUT
*1.02
V
IQ
Supply Current
VIN=VOUT+1V, VCE=GND
50
100
uA
ISHDN
Shutdown Current
VCE=VIN
0.1
1.0
uA
IOUT
Output Current
VIN=VOUT+2V (VOUT<4V)
VIN=VOUT+1V (VOUT≧4V)
1500
mA
Vdif
Dropout Voltage
(Note 3)
IOUT
=1.5A
1.5V≤V
OUT
≤2.0V
1300
mV
2.0V<VOUT
≤2.8V
800
mV
2.8V< VOUT
600
mV
△V
out
Load Regulation
VIN=VOUT+2V (VOUT<4V)
VIN=VOUT+1V (VOUT≧4V)
1mA≤I
OUT
≤1.5A
30
100
mV
△V
out /
△V
IN*VOUT
Line Regulation
IOUT=100mA
VOUT
+1V≤V
IN
≤6V
0.02
0.2
%/V
△V
out /
△T*V
OUT
Output Voltage Temperature
Characteristics
IOUT=100mA
-40℃
≤T≤85℃
50
ppm/℃
IShort
Short Current
VOUT=VSS
200
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com