Electronic Components Datasheet Search
  English  ▼

X  

ACE621E Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE621E
Description  Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE621E Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

  ACE621E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE621E Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACE621E
Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
VER 1.2
7
Packing Information
SOP-8
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
D1
3.100
3.500
0.122
0.137
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
E2
2.200
2.600
0.086
0.102
e
1.270(BSC)
0.050(BSC)
L
0.400
1.270
0.016
0.050
Θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com