Electronic Components Datasheet Search
  English  ▼

X  

IRF7501 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7501
Description  Power MOSFET(Vdss=20V, Rds(on)=0.135ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7501 Datasheet(HTML) 3 Page - International Rectifier

  IRF7501 Datasheet HTML 1Page - International Rectifier IRF7501 Datasheet HTML 2Page - International Rectifier IRF7501 Datasheet HTML 3Page - International Rectifier IRF7501 Datasheet HTML 4Page - International Rectifier IRF7501 Datasheet HTML 5Page - International Rectifier IRF7501 Datasheet HTML 6Page - International Rectifier IRF7501 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRF7501
www.irf.com
3
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
100
0.1
1
10
V
, D ra in-to-S o urc e V o ltage (V )
DS
20µ s P U LS E W ID TH
T = 25°C
A
VGS
TOP
7.5V
5.0V
4.0V
3.5V
3.0V
2.5V
2.0V
BOTTOM 1.5V
1.5V
J
0.01
0.1
1
10
100
0.1
1
10
V
, D ra in-to -S o urc e V o lta ge (V )
DS
A
VGS
TOP
7.5V
5.0V
4.0V
3.5V
3.0V
2.5V
2.0V
BOTTOM 1.5V
1.5V
20µ s P U LS E W ID TH
T = 150°C
J
0.1
1
10
100
1.5
2.0
2.5
3.0
3.5
4.0
T = 2 5 °C
T = 1 50°C
J
J
GS
V
, G a te -to -S o u rc e V o lta g e (V )
A
V
= 1 0 V
20 µs PULSE W ID T H
DS
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T = 25°C
T = 150°C
J
J
V
= 0 V
GS
V
, S o urc e-to -D rain V o lta ge (V )
SD
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com