Electronic Components Datasheet Search
  English  ▼

X  

IRF7501 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7501
Description  Power MOSFET(Vdss=20V, Rds(on)=0.135ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7501 Datasheet(HTML) 4 Page - International Rectifier

  IRF7501 Datasheet HTML 1Page - International Rectifier IRF7501 Datasheet HTML 2Page - International Rectifier IRF7501 Datasheet HTML 3Page - International Rectifier IRF7501 Datasheet HTML 4Page - International Rectifier IRF7501 Datasheet HTML 5Page - International Rectifier IRF7501 Datasheet HTML 6Page - International Rectifier IRF7501 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRF7501
4
www.irf.com
Fig 6. Typical On-Resistance Vs. Drain
Current
Fig 7. Typical On-Resistance Vs. Gate
Voltage
Fig 5. Normalized On-Resistance
Vs. Temperature
0.0
0.5
1.0
1.5
2.0
-60
-40
-20
0
20
40
60
8 0
100 120 140 160
J
T
, J unc tion T em perature (°C )
A
V
= 4 .5 V
GS
I
= 1 .7 A
D
0.0
0.2
0.4
0.6
0.8
0
246
A
I , D ra in C u rrent (A )
D
V
= 2.5 V
GS
V
= 5.0V
GS
0.05
0.07
0.09
0.11
0.13
23
45
6
7
8
A
GS
V
, G ate -to -S o u rc e V olta ge (V )
I
= 2 .4 A
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com