Electronic Components Datasheet Search
  English  ▼

X  

IRF7501 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7501
Description  Power MOSFET(Vdss=20V, Rds(on)=0.135ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7501 Datasheet(HTML) 1 Page - International Rectifier

  IRF7501 Datasheet HTML 1Page - International Rectifier IRF7501 Datasheet HTML 2Page - International Rectifier IRF7501 Datasheet HTML 3Page - International Rectifier IRF7501 Datasheet HTML 4Page - International Rectifier IRF7501 Datasheet HTML 5Page - International Rectifier IRF7501 Datasheet HTML 6Page - International Rectifier IRF7501 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRELIMINARY
HEXFET® Power MOSFET
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon
area. This benefit, combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for use in a wide variety
of applications.
The new Micro8 package, with half the footprint area of the standard SO-8,
provides the smallest footprint available in an SOIC outline. This makes the
Micro8 an ideal device for applications where printed circuit board space is
at a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily
into extremely thin application environments such as portable electronics and
PCMCIA cards.
4/30/98
VDSS =20V
RDS(on) = 0.135Ω
IRF7501
Description
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
2.4
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
1.9
A
IDM
Pulsed Drain Current

19
PD @TA = 25°C
Maximum Power Dissipation
„
1.25
W
PD @TA = 70°C
Maximum Power Dissipation
„
0.8
W
Linear Derating Factor
0.01
W/°C
VGSM
Gate-to-Source Voltage Single Pulse tp<10µs
16
V
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
V/ns
TJ , TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
Soldering Temperature, for 10 seconds
240 (1.6mm from case)
Absolute Maximum Ratings
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
100
°C/W
Thermal Resistance
Mic ro 8
D1
D1
D2
D2
G1
S2
G2
S1
T op V iew
8
1
2
3
4
5
6
7
l Generation V Technology
l Ulrtra Low On-Resistance
l Dual N-Channel MOSFET
l Very Small SOIC Package
l Low Profile (<1.1mm)
l Available in Tape & Reel
l Fast Switching
All Micro8 Data Sheets reflect improved Thermal Resistance, Power and Current -Handling Ratings- effective
only for product marked with Date Code 505 or later .
PD - 91265H
www.irf.com
1


Similar Part No. - IRF7501

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7501PBF IRF-IRF7501PBF Datasheet
184Kb / 9P
Generation V Technology Ulrtra Low On-Resistance
IRF7501PBF IRF-IRF7501PBF Datasheet
184Kb / 9P
Ulrtra Low On-Resistance
IRF7501PBF IRF-IRF7501PBF_15 Datasheet
184Kb / 9P
Ulrtra Low On-Resistance
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
Generation V Technology
More results

Similar Description - IRF7501

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF7521D1 IRF-IRF7521D1 Datasheet
177Kb / 8P
FETKY??MOSFET / Schottky Diode(Vdss=20V, Rds(on)=0.135ohm, Schottky Vf=0.39V)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com