Electronic Components Datasheet Search
  English  ▼

X  

IRF7501 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7501
Description  Power MOSFET(Vdss=20V, Rds(on)=0.135ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7501 Datasheet(HTML) 6 Page - International Rectifier

  IRF7501 Datasheet HTML 1Page - International Rectifier IRF7501 Datasheet HTML 2Page - International Rectifier IRF7501 Datasheet HTML 3Page - International Rectifier IRF7501 Datasheet HTML 4Page - International Rectifier IRF7501 Datasheet HTML 5Page - International Rectifier IRF7501 Datasheet HTML 6Page - International Rectifier IRF7501 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF7501
6
www.irf.com
Micro8 Package Outline
IRF7501 example
Part Marking Information
IN C H E S
M IL L IM E T E R S
M IN
M A X
M IN
M A X
A
0 .10 ( .00 4)
0 .2 5 (.0 1 0 )
M
A
M
H
1
2
3
4
8
7 6
5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8 X
0 .0 8 (.0 0 3 )
M
C
A S
B
S
A 1
L
8X
C
8X
θ
NO T E S :
1 DIM E NS IO N IN G A N D T O L E R A NC IN G P E R A N S I Y 1 4 .5 M -1 9 8 2 .
2 C O N T R O L L IN G D IM E N S IO N : IN C H .
3 DIM E NS IO N S DO N O T IN CL UD E M O L D F L A S H.
A
.0 3 6
.0 4 4
0 .9 1
1 .1 1
A 1
.0 0 4
.0 0 8
0 .1 0
0 .2 0
B
.0 1 0
.0 1 4
0 .2 5
0 .3 6
C
.0 0 5
.0 0 7
0 .1 3
0 .1 8
D
.1 1 6
.1 2 0
2 .9 5
3 .0 5
e
.0256 B A S IC
0.65 B A S IC
e1
.0128 B A S IC
0.33 B A S IC
E
.1 1 6
.1 2 0
2 .9 5
3 .0 5
H
.1 8 8
.1 9 8
4 .7 8
5 .0 3
L
.016
.0 2 6
0.41
0.66
θ
0 °
6 °
0 °
6 °
DIM
LE AD A S S IG N M EN TS
SIN G L E
DUA L
D D D D
D 1 D1 D 2 D2
S S S G
S1 G 1 S2 G 2
1
2
3
4
1
2
3
4
8
7
6
5
8
7
6
5
R E COMM E N DE D F O O T P R IN T
1.0 4
( .041 )
8 X
0.38
( .015 )
8X
3.20
( .126 )
4.24
( .167 )
5.28
( .2 0 8 )
0 .6 5
( .0 25 6 )
6X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com