Electronic Components Datasheet Search
  English  ▼

X  

IRF7601 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7601
Description  Power MOSFET(Vdss=20V, Rds(on)=0.035ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7601 Datasheet(HTML) 3 Page - International Rectifier

  IRF7601 Datasheet HTML 1Page - International Rectifier IRF7601 Datasheet HTML 2Page - International Rectifier IRF7601 Datasheet HTML 3Page - International Rectifier IRF7601 Datasheet HTML 4Page - International Rectifier IRF7601 Datasheet HTML 5Page - International Rectifier IRF7601 Datasheet HTML 6Page - International Rectifier IRF7601 Datasheet HTML 7Page - International Rectifier IRF7601 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7601
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
0.1
1
10
V
, Dra in -to-So urce V oltag e (V)
DS
20 µs P U LSE W I DTH
T
= 25 °C
A
VGS
TOP
7.5V
5.0V
4.0V
3.5V
3.0V
2.5V
2.0V
BOTT OM
1.5V
1.5 V
J
0.1
1
10
100
0.1
1
10
V
, Dra in -to-So urce V oltag e (V)
DS
A
VGS
TOP
7.5V
5.0V
4.0V
3.5V
3.0V
2.5V
2.0V
BOTT OM
1.5V
1. 5V
20 µs P U LSE W I DTH
T
= 15 0°C
J
0.1
1
10
100
1.5
2.0
2.5
3.0
3.5
T = 25°C
T = 150 °C
J
J
GS
V
, Ga te -to-S o urce V oltage (V )
A
V
= 1 0 V
20µs PU LSE W ID TH
DS
0.0
0.5
1.0
1.5
2.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
J
T
, Ju nction Te mpe ratu re (°C )
A
V
= 4.5 V
GS
I
= 3 .8A
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com