Electronic Components Datasheet Search
  English  ▼

X  

IRF7601 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7601
Description  Power MOSFET(Vdss=20V, Rds(on)=0.035ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7601 Datasheet(HTML) 4 Page - International Rectifier

  IRF7601 Datasheet HTML 1Page - International Rectifier IRF7601 Datasheet HTML 2Page - International Rectifier IRF7601 Datasheet HTML 3Page - International Rectifier IRF7601 Datasheet HTML 4Page - International Rectifier IRF7601 Datasheet HTML 5Page - International Rectifier IRF7601 Datasheet HTML 6Page - International Rectifier IRF7601 Datasheet HTML 7Page - International Rectifier IRF7601 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7601
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
200
400
600
800
1000
1200
1
10
100
DS
V
, D rain-to -S ou rce Volta ge (V )
A
V
= 0V ,
f = 1 MH z
C
= C
+ C
, C
SH O R TED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rs s
g d
os s
ds
gd
C is s
C os s
C rs s
0
2
4
6
8
10
0
4
8
1216
2024
G
A
Q
, Tota l Gate Ch arge (n C)
FO R TEST CIRCUIT
SEE F IGU R E 9
I
= 3.8 A
V
= 16 V
D
DS
0.1
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
T = 25° C
T = 150°C
J
J
V
= 0 V
GS
V
, So urce-to -D rain V olta ge (V )
SD
A
1
10
100
0.1
1
10
100
V
, Dra in -to-So urce Vo ltag e (V)
DS
OPE R ATIO N IN TH IS A RE A LI MI TE D
BY R DS(o n)
T
= 25 °C
T
= 15 0°C
Sing le Pulse
10 0µ s
1m s
10 ms
A
A
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com