Electronic Components Datasheet Search
  English  ▼

X  

IRF7601 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7601
Description  Power MOSFET(Vdss=20V, Rds(on)=0.035ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7601 Datasheet(HTML) 7 Page - International Rectifier

  IRF7601 Datasheet HTML 1Page - International Rectifier IRF7601 Datasheet HTML 2Page - International Rectifier IRF7601 Datasheet HTML 3Page - International Rectifier IRF7601 Datasheet HTML 4Page - International Rectifier IRF7601 Datasheet HTML 5Page - International Rectifier IRF7601 Datasheet HTML 6Page - International Rectifier IRF7601 Datasheet HTML 7Page - International Rectifier IRF7601 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7601
Package Outline
Micro8 Outline
Dimensions are shown in millimeters (inches)
Micro8
Part Marking Information
P ART NU M B ER
451
750 1
TO P
E X AM P LE : T H IS IS A N IR F 7501
DA T E CO D E
(YW W )
Y = L A ST D IG IT O F YE A R
W W = WEE K
A
IN C H E S
M IL LI M E T E R S
M IN
M A X
M IN
M A X
A
0 . 10 (. 00 4 )
0.25 (.010)
M
A
M
H
1
2
3
4
8
7
6
5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8X
0. 08 (. 00 3 )
M
C
A S
B
S
A 1
L
8X
C
8X
θ
NO TE S :
1 D IM E N S IO NIN G A ND TO LER AN C IN G P E R AN SI Y14.5M -1982.
2 CO NTRO L L ING DIME NS IO N : INCH.
3 D IM E N S IO NS DO NO T IN CL UD E M O LD F L A S H.
A
. 0 36
.044
0.91
1. 11
A1
. 0 04
.008
0.10
0. 20
B
. 0 10
.014
0.25
0. 36
C
.005
.007
0.13
0.18
D
.116
.120
2.95
3.05
e
. 0 256 B ASIC
0.65 BA SIC
e1
. 0 128 B ASIC
0.33 BA SIC
E
. 1 16
.120
2. 95
3.05
H
.188
.198
4.78
5. 03
L
. 0 16
.026
0.41
0.66
θ
0 °
6 °
0°
6°
DIM
LEAD ASS IG N M EN T S
S IN GLE
DUA L
D D D D
D 1 D1 D2 D2
S S S G
S1 G 1 S2 G2
1
2
3
4
1
2
3
4
8
7
6
5
8 7
6
5
RE CO MME NDE D F O O T P R IN T
1. 04
( .041 )
8 X
0.38
( .015 )
8X
3.20
( .126 )
4. 2 4
( .167 )
5.28
( .2 08 )
0 . 65
( .0256 )
6X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com