Electronic Components Datasheet Search
  English  ▼

X  

XC62FJ Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC62FJ
Description  10V Input, 200mA Low Consumption Current Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62FJ Datasheet(HTML) 1 Page - Torex Semiconductor

  XC62FJ Datasheet HTML 1Page - Torex Semiconductor XC62FJ Datasheet HTML 2Page - Torex Semiconductor XC62FJ Datasheet HTML 3Page - Torex Semiconductor XC62FJ Datasheet HTML 4Page - Torex Semiconductor XC62FJ Datasheet HTML 5Page - Torex Semiconductor XC62FJ Datasheet HTML 6Page - Torex Semiconductor XC62FJ Datasheet HTML 7Page - Torex Semiconductor XC62FJ Datasheet HTML 8Page - Torex Semiconductor XC62FJ Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
XC62FJ Series
10V Input, 200mA Low Consumption Current Regulator
0.0
0.5
1.0
1.5
2.0
2.5
3.0
02
468
10
Input Voltage: VIN(V)
XC62FJ3302PR-G
Ta=-40℃
Ta=25℃
Ta=85℃
■
GENERAL DESCRIPTION
The XC62FJ series is a highly precise, low power consumption, positive voltage regulator manufactured with CMOS and
laser trimming technologies.
The series provides large currents with a significantly small dropout voltage.
The XC62FJ consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error amplifier.
The output voltage is selectable in 0.1V steps between 1.7V ~ 6.0V.
■
APPLICATIONS
●
Smart meter
●
Walky-talky
●
Blood pressure manometer
●
Applications with 2Li-ion batteries
■
TYPICAL APPLICATION CIRCUIT
■
TYPICAL PERFORMANCE
CHARACTERISTICS
ETR03086-001
●
Consumption Current vs. Input Voltage
■
FEATURES
Maximum Output Current
:
200mA
Dropout Voltage
:
160mV@IOUT=100mA
(VOUT=5.0V)
Operating Voltage Range
:
1.8V~10V
Output Voltage Range
:
1.7V~6.0V (±2.0%)
0.1V increments
Consumption Current
:
2.0μA (TYP.)
External Capacitor
:
Ceramic Capacitor
Operating Ambient Temperature
:
-40℃~+85℃
Package
:
SOT-89
Environmentally Friendly
:
EU RoHS Compliant, Pb Free


Similar Part No. - XC62FJ

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62F TOREX-XC62F Datasheet
293Kb / 16P
Positive Voltage Regulators
XC62FP TOREX-XC62FP Datasheet
293Kb / 16P
POSITIVE VOLTAGE REGULATORS
XC62FP1501LB TOREX-XC62FP1501LB Datasheet
293Kb / 16P
POSITIVE VOLTAGE REGULATORS
XC62FP1501LH TOREX-XC62FP1501LH Datasheet
293Kb / 16P
POSITIVE VOLTAGE REGULATORS
XC62FP1501LL TOREX-XC62FP1501LL Datasheet
293Kb / 16P
POSITIVE VOLTAGE REGULATORS
More results

Similar Description - XC62FJ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4180 NJRC-NJW4180 Datasheet
88Kb / 8P
High Voltage Low current consumption Regulator
logo
Maxim Integrated Produc...
MAX16910 MAXIM-MAX16910_12 Datasheet
1Mb / 15P
200mA, Automotive, Ultra-Low Quiescent Current, Linear Regulator
Rev 3; 4/12
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
200mA Low Consumption Linear Regulator
BL8064 BELLING-BL8064 Datasheet
671Kb / 9P
200mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE507C ACE-ACE507C Datasheet
635Kb / 9P
200mA Low Consumption Linear Regulator
VER 1.2
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
logo
Leshan Radio Company
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
200mA Low Consumption Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8064 BELLING-BL8064_14 Datasheet
1Mb / 9P
200mA Low Consumption Linear Regulator
logo
Leshan Radio Company
LR8064 LRC-LR8064 Datasheet
527Kb / 8P
200mA Low Consumption Linear Regulator
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
Low Input Voltage, Low-Dropout 200mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com